Electronic Components Datasheet Search
  English  ▼

X  

LTC6800 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6800
Description  Rail-to-Rail, Input and Output, Instrumentation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6800 Datasheet(HTML) 3 Page - Linear Technology

  LTC6800 Datasheet HTML 1Page - Linear Technology LTC6800 Datasheet HTML 2Page - Linear Technology LTC6800 Datasheet HTML 3Page - Linear Technology LTC6800 Datasheet HTML 4Page - Linear Technology LTC6800 Datasheet HTML 5Page - Linear Technology LTC6800 Datasheet HTML 6Page - Linear Technology LTC6800 Datasheet HTML 7Page - Linear Technology LTC6800 Datasheet HTML 8Page - Linear Technology LTC6800 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC6800

6800fb
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V– = 0V, REF = 200mV. Output voltage swing is referenced
to V–. All other specifications reference the OUT pin to the REF pin.
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V+ = 5V, V– = 0V, REF = 200mV. Output voltage swing is referenced to V–. All other specifications reference the OUT pin to the REF pin.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage (Note 2)
VCM = 200mV
±100
µV
Average Input Offset Drift (Note 2)
TA = –40°C to 85°C
TA = 85°C to 125°C
l
l
–1
±250
–2.5
nV/°C
µV/°C
Common Mode Rejection Ratio
(Notes 4, 5)
AV = 1, VCM = 0V to 3V
l
85
113
dB
Integrated Input Bias Current (Note 3)
VCM = 1.2V
4
10
nA
Integrated Input Offset Current (Note 3)
VCM = 1.2V
1
3
nA
Input Noise Voltage
DC to 10Hz
2.5
µVP-P
Power Supply Rejection Ratio (Note 6)
VS = 2.7V to 5.5V
l
110
116
dB
Output Voltage Swing High
RL = 2k to V–
RL = 10k to V–
l
l
2.85
2.95
2.94
2.98
V
V
Output Voltage Swing Low
l
20
mV
Gain Error
AV = 1
0.1
%
Gain Nonlinearity
AV = 1
100
ppm
Supply Current
No Load
l
1.2
mA
Internal Op Amp Gain Bandwidth
200
kHz
Slew Rate
0.2
V/µs
Internal Sampling Frequency
3
kHz
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage (Note 2)
VCM = 200mV
±100
µV
Average Input Offset Drift (Note 2)
TA = –40°C to 85°C
TA = 85°C to 125°C
l
l
–1
±250
–2.5
nV/°C
µV/°C
Common Mode Rejection Ratio
(Notes 4, 5)
AV = 1, VCM = 0V to 5V
l
85
116
dB
Integrated Input Bias Current (Note 3)
VCM = 1.2V
4
10
nA
Integrated Input Offset Current (Note 3)
VCM = 1.2V
1
3
nA
Power Supply Rejection Ratio (Note 6)
VS = 2.7V to 5.5V
l
110
116
dB
Output Voltage Swing High
RL = 2k to V–
RL = 10k to V–
l
l
4.85
4.95
4.94
4.98
V
V
Output Voltage Swing Low
l
20
mV
Gain Error
AV = 1
0.1
%
Gain Nonlinearity
AV = 1
100
ppm
Supply Current
No Load
l
1.3
mA
Internal Op Amp Gain Bandwidth
200
kHz
Slew Rate
0.2
V/µs
Internal Sampling Frequency
3
kHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high speed automatic
test systems. VOS is measured to a limit determined by test equipment
capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com