Electronic Components Datasheet Search
  English  ▼

X  

LTC6800 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6800
Description  Rail-to-Rail, Input and Output, Instrumentation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6800 Datasheet(HTML) 4 Page - Linear Technology

  LTC6800 Datasheet HTML 1Page - Linear Technology LTC6800 Datasheet HTML 2Page - Linear Technology LTC6800 Datasheet HTML 3Page - Linear Technology LTC6800 Datasheet HTML 4Page - Linear Technology LTC6800 Datasheet HTML 5Page - Linear Technology LTC6800 Datasheet HTML 6Page - Linear Technology LTC6800 Datasheet HTML 7Page - Linear Technology LTC6800 Datasheet HTML 8Page - Linear Technology LTC6800 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC6800

6800fb
INPUT COMMON MODE VOLTAGE (V)
0
15
10
5
0
–5
–10
–15
0.5
1.0
1.5
2.0
6800 G01
2.5
3.0
VS = 3V
VREF = 0V
TA = 25°C
G = 1000
G = 100
G = 10
G = 1
INPUT COMMON MODE VOLTAGE (V)
0
15
10
5
0
–5
–10
–15
1
2
3
4
2053 G02
5
VS = 5V
VREF = 0V
TA = 25°C
G = 1000
G = 100
G = 1
G = 10
INPUT COMMON MODE VOLTAGE (V)
20
15
10
5
0
–5
–10
–15
–20
6800 G03
0
0.5
1.0
1.5
2.0
2.5
3.0
VS = 3V
VREF = 0V
G = 10
TA = 25°C
TA = 70°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
20
15
10
5
0
–5
–10
–15
–20
1
2
3
4
6800 G04
5
VS = 5V
VREF = 0V
G = 10
TA = 25°C
TA = –55°C
TA = 70°C
INPUT COMMON MODE VOLTAGE (V)
60
40
20
0
–20
–40
–60
6800 G05
0
0.5
1.0
1.5
2.0
2.5
3.0
VS = 3V
VREF = 0V
G = 10
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
0
60
40
20
0
–20
–40
–60
6800 G06
0
1
2
3
4
5
VS = 5V
VREF = 0V
G = 10
TA = 85°C
TA = 125°C
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Typical perForMance characTerisTics
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage,
85°C ≤ TA ≤ 125°C
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage,
85°C ≤ TA ≤ 125°C
Note 3: If the total source resistance is less than 10k, no DC errors result
from the input bias currents or the mismatch of the input bias currents or
the mismatch of the resistances connected to –IN and +IN.
Note 4: The CMRR with a voltage gain, AV, larger than 10 is 120dB (typ).
Note 5: At temperatures above 70°C, the common mode rejection ratio
lowers when the common mode input voltage is within 100mV of the
supply rails.
Note 6: The power supply rejection ratio (PSRR) measurement accuracy
depends on the proximity of the power supply bypass capacitor to the
device under test. Because of this, the PSRR is 100% tested to relaxed
limits at final test. However, their values are guaranteed by design to meet
the data sheet limits.
Note 7: The LTC6800H is guaranteed functional over the operating
temperature range of –40°C to 125°C. Specifications over the –40°C to
125°C range (denoted by l) are assured by design and characterization
but are not tested or QA sampled at these temperatures.
elecTrical characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com