Electronic Components Datasheet Search
  English  ▼

X  

AN4461 Datasheet(PDF) 59 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 55Page - STMicroelectronics AN4461 Datasheet HTML 56Page - STMicroelectronics AN4461 Datasheet HTML 57Page - STMicroelectronics AN4461 Datasheet HTML 58Page - STMicroelectronics AN4461 Datasheet HTML 59Page - STMicroelectronics AN4461 Datasheet HTML 60Page - STMicroelectronics AN4461 Datasheet HTML 61Page - STMicroelectronics AN4461 Datasheet HTML 62Page - STMicroelectronics AN4461 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
DocID026130 Rev 2
59/70
AN4461
User interface
70
9.5
0 - 10 V interface
The 0 - 10 V interfaces can be enabled using the “in” command described in Section 9.3 on
page 46. By default, the STEVAL-ILL066V1 demonstration board is shipped with the
0 - 10 V interface disabled. The 0 - 10 V and DALI interfaces are mutually exclusive.
The 0 - 10 V reference signal can be generated via a 0 - 10 V generator. Alternatively, it is
possible to simulate the signal using a potentiometer. The correct value of this
potentiometer is 110 K
Ω, which can be obtained using two potentiometers in series: 10 KΩ
plus 100 K
Ω. The 100 KΩ potentiometer shall be used when the output voltage is over 5 V,
while the 10 K
Ω potentiometer can be used when the output voltage is below 5 V.
The power necessary to read the input voltage is automatically generated by the STEVAL-
ILL066V1 demonstration board. This solution provides excellent insulation and all the
features of the demonstration board. The maximum 0 - 10 V interface input voltage
accepted on this is 15 V.
The on/off transaction is regulated via a hysteresis mechanism. LEDs are switched off when
the 0 - 10 V interface reaches V < 1 V. LEDs are switched on when V > 1.25 V.
The relationship between the voltage applied to the 0 - 10 V interfaces and the LED output
current is defined in Table 21.
Table 21. 0 - 10 V voltage to output current
Voltage applied to connector J9
Output current (1 A scale)
Output current (500 mA scale)
More than 10 V and less then 15 V
1 A
500 mA
10 V
1 A
500 mA
9 V
900 mA
450 mA
8 V
800 mA
400 mA
7 V
700 mA
350 mA
6 V
600 mA
300 mA
5 V
500 mA
250 mA
4 V
400 mA
200 mA
3 V
300 mA
150 mA
2 V
200 mA
100 mA
1 V
100 mA
50 mA
Below 1 V
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com