Electronic Components Datasheet Search
  English  ▼

X  

AN4461 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 12Page - STMicroelectronics AN4461 Datasheet HTML 13Page - STMicroelectronics AN4461 Datasheet HTML 14Page - STMicroelectronics AN4461 Datasheet HTML 15Page - STMicroelectronics AN4461 Datasheet HTML 16Page - STMicroelectronics AN4461 Datasheet HTML 17Page - STMicroelectronics AN4461 Datasheet HTML 18Page - STMicroelectronics AN4461 Datasheet HTML 19Page - STMicroelectronics AN4461 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
ZVS LC resonant stage description
AN4461
16/70
DocID026130 Rev 2
4
ZVS LC resonant stage description
The resonant stage is an LC topology consisting of a half-bridge operating in “Zero Voltage
Switching” condition supplying the resonant cell. The half-bridge is connected to the PFC
output. The LC stage (Cres, Lres) is separated from the transformer. The transformer XF is
responsible for the energy transfer to the secondary side, where a rectifier circuit (Dout) and
a filtering capacitor transform the AC current into a ripple free DC current required by the
LEDs.
Figure 8. ZVS concept
The transformer XF is built in a way that maximize the winding coupling and operates
similarly to an ideal transformer where the secondary side current is proportional to the
primary side current and depends only on the transformer turn ratio (n = NPRI / NSEC). This
proportionality is the key to control the secondary side current from the primary side.
The selection of Lres and Cres is made in order to operate above resonance in any
condition therefore guaranteeing a soft switching behavior. The primary current has
a triangular shape so that it can be stated that the average value of the LED current is equal
to half of the peak of the resonant secondary current. Regulating the peak current during the
low-side conduction period and operating a 50% duty cycle then the primary side control of
the output current is possible.
The transformer is coupled with an auxiliary winding which is used to measure at the
primary side the reflected voltage and detect abnormal conditions such as short-circuit or no
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com