Electronic Components Datasheet Search
  English  ▼

X  

AN4461 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 7Page - STMicroelectronics AN4461 Datasheet HTML 8Page - STMicroelectronics AN4461 Datasheet HTML 9Page - STMicroelectronics AN4461 Datasheet HTML 10Page - STMicroelectronics AN4461 Datasheet HTML 11Page - STMicroelectronics AN4461 Datasheet HTML 12Page - STMicroelectronics AN4461 Datasheet HTML 13Page - STMicroelectronics AN4461 Datasheet HTML 14Page - STMicroelectronics AN4461 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
DocID026130 Rev 2
11/70
AN4461
PFC stage
70
3
PFC stage
The STEVAL-ILL066V1 demonstration board is based on two power conversion stages
where a first PFC stage generates the DC voltage to apply to the LC resonant stage. The LC
resonant stage controls the output current.
3.1
Constant TON working principles
Figure 4. PFC concept
The PFC stage is based on a boost converter operating in a transitional mode (also referred
as critical conduction or a boundary mode) using the constant on-time method.
In boost topology the variation of the inductor current during the conduction time of the main
switch (TON) depends on the input voltage as shown by Equation 1:
Equation 1
(
)
Boost
mains
ac
Lboost
L
t
f
sin2π
V
2
Ton
∆I
⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com