Electronic Components Datasheet Search
  English  ▼

X  

AN4461 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 30Page - STMicroelectronics AN4461 Datasheet HTML 31Page - STMicroelectronics AN4461 Datasheet HTML 32Page - STMicroelectronics AN4461 Datasheet HTML 33Page - STMicroelectronics AN4461 Datasheet HTML 34Page - STMicroelectronics AN4461 Datasheet HTML 35Page - STMicroelectronics AN4461 Datasheet HTML 36Page - STMicroelectronics AN4461 Datasheet HTML 37Page - STMicroelectronics AN4461 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
21
1
C46
1 nF
CAPC-0603
50 V
AVX
06035C102KAT2A
22
1
C47
100 pF
CAPC-0603
23
1
C49
2.2 nF
CAPC-0603
Vishay
VJ0603Y222KNAAO
24
1
C51
3.3
µF
CAPE-R10HXX-P5
450 V
RS
711-2119
25
1
C52
150 nF
CAPC-0603
50 V
Murata
GRM188R71E154KA01D
26
1
C53
22 nF
CAPC-0603
AVX
06035C223KAT2A
27
1
C54
1.5 nF
CAPC-0603
KEMET
C0603C152K1RAC7867
28
2
C55, C58
1
µF
CAPC-0805
25 V
Murata
GCM21BR71E105KA56L
29
1
C59
100 nF
CAPC-0603
50 V
AVX
06033G104ZAT2A
30
1
C60
1 nF
CAPC-0603
50 V
AVX
06035C102KAT2A
31
1
C61
22
µF
CAPC-1206
10 V
KEMET
C1206C226M8PAC7800
32
1
C63
10
µF
CAPE-R5H11-P25
25 V
Panasonic
ECEA1EKS100
33
1
C65
100 pF N. M.
CAPC-0603
N. M.
34
1
C66
6.8 nF
CAPC-0603
KEMET
C0603C682K5RAC7867
35
2
C70, C72
100 nF
CAPC-0603
25 V
36
1
C71
1 nF
CAPC-0805
37
2
C73, C74
1 nF
C1210
2 KV
AVX
1210GC102KAT1A
38
1
C76
1
µF
CAPE-R5H11-P25
100 V N. M.
39
1
C77
1
µF
CAPC-0805
25 V N. M.
40
1
C78
220 nF
CAPC-0603
25 V
C0603C681J5GAC7867
41
1
C80
680 pF
CAPC-0603
42
1
D1
FAULT
LEDC-0603
OSRAM
LS Q976
43
1
D2
RUN
LEDC-0603
OSRAM
LT Q39G-Q1S2-25-1
44
1
D3
5.6 V
SOT23
Diodes Zetex
BZX84C5V6-7-F
45
2
D4, D36
STTH3R06
DIODO-SMC
N. M.
Table 5. Bill of material (continued)
Item
Qty.
Reference
Part
PCB footprint
Note
Manuf.
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com