Electronic Components Datasheet Search
  English  ▼

X  

UM1481 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 3Page - STMicroelectronics UM1481 Datasheet HTML 4Page - STMicroelectronics UM1481 Datasheet HTML 5Page - STMicroelectronics UM1481 Datasheet HTML 6Page - STMicroelectronics UM1481 Datasheet HTML 7Page - STMicroelectronics UM1481 Datasheet HTML 8Page - STMicroelectronics UM1481 Datasheet HTML 9Page - STMicroelectronics UM1481 Datasheet HTML 10Page - STMicroelectronics UM1481 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
UM1481
Getting started
Doc ID 022389 Rev 1
7/55
2
Getting started
2.1
Package
The STEVAL-ISB012V1 demonstration board package includes the following:
●
Hardware content
–
Demonstration board STEVAL-ISB012V1
●
Documentation
–
User manual (this document)
–
Schematics, Gerber files, BOM list
●
Microcontroller firmware
–
Pre-programmed STM32F102C8T6 device soldered onto the demonstration
board.
●
Virtual COM port driver
●
Gas-gauge application GUI.
2.2
Setting up the board
The following steps should be taken to set up the board:
1.
Standalone operation
–
Set the jumper between pin 1 and 2 of J3. This ensures the clearing of the RAM
registers of the STC3105 and indicates the connection of a fresh battery. For
details refer to jumper J3.
–
The board can be powered up by a power adapter (5 V power supply), by
connecting the micro-B USB cable or by the battery to be monitored.
–
Connect the Li-Ion battery pack to the board with appropriate polarity across
J14. A welcome message (STC3105 battery monitoring demo) is displayed on the
LCD during startup. Once again, place the jumper between pin 2 and 3 of J3. For
details refer to jumper J3.
–
Now use the navigation keys (SW1, SW2, SW3, and SW4) to scroll through the
menu.
2.
Battery charging and discharging
If an external power source (USB or 5 V adaptor) is present, the internal charger can
be used to charge the battery using switch SW8.
–
Switch SW7 is used to select between the wall adapter or USB as the power
source.
–
An external charger can also be connected directly across J12. Switch SW8 is
used to select either an internal or external charger.
–
External load can also be connected to the board across J13 or J15. When
external load and power supply is not present, the board itself acts as a load to the
battery and discharges it.
–
Make sure to connect the external power supply source if battery voltage is below
cut-off voltage. It is shown by LED D2. Cut-off voltage is set to 3.2 V, below this
any external load (connected at J13/J15) is also disconnected by MOSFET Q7
(acting as a switch between battery and external load).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com