Electronic Components Datasheet Search
  English  ▼

X  

UM1481 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 6Page - STMicroelectronics UM1481 Datasheet HTML 7Page - STMicroelectronics UM1481 Datasheet HTML 8Page - STMicroelectronics UM1481 Datasheet HTML 9Page - STMicroelectronics UM1481 Datasheet HTML 10Page - STMicroelectronics UM1481 Datasheet HTML 11Page - STMicroelectronics UM1481 Datasheet HTML 12Page - STMicroelectronics UM1481 Datasheet HTML 13Page - STMicroelectronics UM1481 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
System overview
UM1481
10/55
Doc ID 022389 Rev 1
3
System overview
3.1
General description of product architecture
Figure 4.
System architecture details
System architecture details
●
The STM32 communicates with the STC3105 using I2C communication protocol to
obtain information regarding battery capacity, relaxation time, current, voltage, etc.
●
The board is able to run on a battery source. When the battery reaches its critical
voltage, the board goes into shutdown mode. To keep track of the battery status, the
STC3105 is always powered up by the battery.
●
The L6920 is configured to step up input voltage to 5 V. Then, LD1117AS33TR
produces a constant output voltage of 3.3 V to power on the LCD and the STM32.
●
LCD and switches are used for user interface.
●
Onboard charger is provided to charge the battery.
●
Two manual slide switches are provided on the board. The SW7 slide switch is used to
allow the user to choose only one external power supply at a time i.e. either USB or an
external wall adapter.
●
The second manual slide switch (SW8) is used to select the battery charger, either
internal or external.
●
A MOSFET is provided between the battery and the L6920 which connects the board
(and is acting as a load to the battery) to the battery in the absence of any external
power source (USB/wall adapter) and similarly disconnects boards from the battery in
the presence of any external power source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com