Electronic Components Datasheet Search
  English  ▼

X  

UM1481 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 26Page - STMicroelectronics UM1481 Datasheet HTML 27Page - STMicroelectronics UM1481 Datasheet HTML 28Page - STMicroelectronics UM1481 Datasheet HTML 29Page - STMicroelectronics UM1481 Datasheet HTML 30Page - STMicroelectronics UM1481 Datasheet HTML 31Page - STMicroelectronics UM1481 Datasheet HTML 32Page - STMicroelectronics UM1481 Datasheet HTML 33Page - STMicroelectronics UM1481 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Graphical user interface application
UM1481
30/55
Doc ID 022389 Rev 1
Figure 36.
Other battery parameters page
6.5
Battery status and data log
Here it is possible to observe various battery parameters at a regular interval (set by
configurable log rate), in addition, it is also possible to observe the separate graphs of
battery voltage, current and SOC percentage in respect to time, on the same page as shown
in Figure 37. The zoomed view of graphs, as well as zoom in and zoom out, can be seen by
simply positioning the mouse over the desired graph. This option can be enabled and
disabled through the options available on the same page. If the user wants to start a new log
there is also an available option to clear the previous screen. The log rate can also be
changed by using the appropriate option. The following are the key features:
●
Observe various parameters like battery voltage, battery current, battery SOC (in mAH)
etc. at a regular interval set by the log rate.
●
The GUI can display separate graphs of battery voltage, current and SOC percentage
in respect to time on the same page.
●
Zoom in and zoom out effect of graph is also available.
●
It is possible to clear the log if necessary in order to view a new log.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com