Electronic Components Datasheet Search
  English  ▼

X  

UM1481 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 29Page - STMicroelectronics UM1481 Datasheet HTML 30Page - STMicroelectronics UM1481 Datasheet HTML 31Page - STMicroelectronics UM1481 Datasheet HTML 32Page - STMicroelectronics UM1481 Datasheet HTML 33Page - STMicroelectronics UM1481 Datasheet HTML 34Page - STMicroelectronics UM1481 Datasheet HTML 35Page - STMicroelectronics UM1481 Datasheet HTML 36Page - STMicroelectronics UM1481 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
UM1481
Hardware design description
Doc ID 022389 Rev 1
33/55
7.2
Battery monitor IC (STC3105)
The STC3105 monitors the critical parameters of a single-cell Li-Ion battery (voltage, and
current, SOC, etc.) and includes hardware functions to implement a gas-gauge for battery
charge monitoring, based on a programmable 12- to 14-bit A-D converter. With a typical
20 m
Ω external sense resistor, the gas-gauge system provides a capacity of up to ±10950
mAh with a resolution of 0.2 mAh, as described below.
●
Calculation of the maximum battery capacity being supported by the STC3105:
The voltage drop across the external sense resistor is integrated during a conversion period
and input to a 12- to 14-bit AD converter. The output conversion is accumulated into a 28-bit
accumulator. The LSB value is set by the internal gain and internal reference and is 11.77
uV at maximum resolutions. The conversion cycle for n bit resolution is 2 n clock cycles.
Using the 32,768 Hz internal clock, the conversion cycle time is 125 to 500 ms for a 12- to
14-bit resolution. The AD converter output is in 2's complement format. When a conversion
cycle is completed, the result is added to the charge accumulator.
The LSB value of the charge accumulator (in mAH) = LSB value of ADC * conversion cycle
time* 10-3 sense resistor *3600.
(LSB value of ADC= 11.77 µV, conversion time 500 mS for 14-bit resolution; sense resistor =
10 m
Ω to 50 mΩ.)
Maximum capacity of battery supported (in ± mAH) = LSB value of charge accumulator
* 228 2.
Resolution of charge register = maximum capacity of battery supported 216.
The device is programmable through the I2C interface. This device also has 16-RAM bytes,
1-byte unique device ID, and an ALM pin. RAM contents are retained even up to a minimum
battery voltage of 2.0 V. For more details refer to the STC3105 datasheet.
Table 3.
Maximum capacity and charge register LSB resolution for various values
of Rsense
Sense resistor value
Maximum capacity of battery
supported (in ± mAH)
Resolution of charge register (in
mAH)
10 m
Ω
21900
0.6
20 m
Ω
10950
0.3
30 m
Ω
7300
0.2
40 m
Ω
5450
0.16
50 m
Ω
4350
0.13
Table 4.
STC3105 details
Feature
Description
Order code
STC3105IQT
Package
TDFN 3.0 X 2.0 X 0.75
Operating voltage
2.7 to 5.5 V
Operating current consumption
50 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com