Electronic Components Datasheet Search
  English  ▼

X  

LT1305 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1305
Description  Micropower High Power DC/DC Converter with Low-Battery Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1305 Datasheet(HTML) 1 Page - Linear Technology

  LT1305 Datasheet HTML 1Page - Linear Technology LT1305 Datasheet HTML 2Page - Linear Technology LT1305 Datasheet HTML 3Page - Linear Technology LT1305 Datasheet HTML 4Page - Linear Technology LT1305 Datasheet HTML 5Page - Linear Technology LT1305 Datasheet HTML 6Page - Linear Technology LT1305 Datasheet HTML 7Page - Linear Technology LT1305 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1305
Micropower High Power
DC/DC Converter with
Low-Battery Detector
s
2-Cell and 3-Cell to 5V Conversion
s
EL Panel Drivers
s
Portable Instruments
S
APPLICATI
APPLICATI
TYPICAL
VIN
LBI
SHDN
100k
1%
301k
1%
2 TO 3
CELLS
316k
1%
412k
1%
C1
220
µF
C2
220
µF
SHUTDOWN
LT1305
GND
PGND
FB
LBO
SW
D1
LT1305 • TA03
L1
10
µH
100k
+
C1, C2: AVX TPSE227010R0100
D1: MOTOROLA MBRS130LT3
L1: COILCRAFT D03316-103
VOUT
5V
400mA
+
LOW BATTERY
GOES LOW AT
VBAT = 2.2V
LOAD CURRENT (mA)
1
80
90
10
100
1000
LT1305 • TA02
70
60
VIN = 4.00V
VIN = 3.00V
VIN = 2.00V
VIN = 2.50V
Efficiency
DESCRIPTIO
S
FEATURE
s
5V at 400mA from 2V Input
s
Supply Voltage As Low As 1.8V
s
120
µA Quiescent Current
s
Low-Battery Detector
s
Low VCESAT Switch: 310mV at 2A Typ
s
Uses Inexpensive Surface Mount Inductors
s
8-Lead SO Package
The LT
®1305 is a micropower step-up DC/DC converter
that uses Burst Mode
TM operation. Similar to the LT1303,
the LT1305 features a 2A internal low-loss switch and can
deliver up to four times the output power of the LT1303.
Quiescent current is only 120
µA and the Shutdown pin
further reduces current to 10
µA. A low-battery detector
provides an open-collector output that goes low when the
input voltage drops below a preset level. The LT1305 is
available in an 8-pin SO, easing board space requirements.
2-Cell and 3-Cell to 5V/400mA DC/DC Converter
with Low-Battery Detect
Burst Mode is a trademark of Linear Technology Corporation
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1305

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305CS8 LINER-LT1305CS8 Datasheet
236Kb / 8P
Micropower High Power DC/DC Converter with Low-Battery Detector
More results

Similar Description - LT1305

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
Micropower High Power DC/DC Converter with Low-Battery Detector
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1304 LINER-LT1304_15 Datasheet
309Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com