| Electronic Components Datasheet Search |
|
LT1305 Datasheet(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1305 Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 8 page ![]() 4 LT1305 TYPICAL PERFORMANCE CHARACTERISTICS TEMPERATURE ( °C) –50 1.200 1.210 1.215 1.220 1.225 1.230 1.235 –25 0 25 50 LT1305 • G10 75 1.240 1.245 1.250 1.205 100 Low-Battery Detect Trip Point TEMPERATURE ( °C) –50 0 50 100 150 200 300 –25 025 50 LT1305 • G13 75 100 250 ISW = 1A Switch Saturation Voltage SWITCH CURRENT (A) 0 300 400 1.6 LT1305 • F12 200 100 250 350 150 50 0 0.4 0.8 1.2 2.0 1.4 0.2 0.6 1.0 1.8 TA = 25°C Switch Saturation Voltage GND (Pin 1): Signal Ground. Tie to PGND under the package. LBO (Pin 2): Open-Collector Output of Comparator C3. Can sink 100 µA. High impedance when device is in shut- down. SHDN (Pin 3): Shutdown. Pull high to shut down the LT1305. Ground for normal operation. FB (Pin 4): Feedback Input. Connects to main comparator C1 input. LBI (Pin 5): Low-Battery Comparator Input. When voltage on this pin is below 1.24V, LBO is low. VIN (Pin 6): Supply Pin. Must be bypassed with a large value capacitor to gound. Keep bypass within 0.2" of the device. SW (Pin 7): Switch Pin. Connect inductor and diode here. Keep layout short and direct to minimize radio frequency interference. PGND (Pin 8): Power Ground. Tie to signal ground (pin 1) under the package. Bypass capacitor from VIN should be tied directly to PGND within 0.2" of the device. PI FU CTIO S |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |