Electronic Components Datasheet Search
  English  ▼

X  

LT1305 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1305
Description  Micropower High Power DC/DC Converter with Low-Battery Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1305 Datasheet(HTML) 3 Page - Linear Technology

  LT1305 Datasheet HTML 1Page - Linear Technology LT1305 Datasheet HTML 2Page - Linear Technology LT1305 Datasheet HTML 3Page - Linear Technology LT1305 Datasheet HTML 4Page - Linear Technology LT1305 Datasheet HTML 5Page - Linear Technology LT1305 Datasheet HTML 6Page - Linear Technology LT1305 Datasheet HTML 7Page - Linear Technology LT1305 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1305
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
2
3
4
5
6
8
–25
025
50
LT1305 • G01
75
100
7
Switch On Time
TEMPERATURE (
°C)
–50
50
60
65
70
75
80
85
–25
0
25
50
LT1305 • G03
75
90
95
100
55
100
Maximum Duty Cycle
TEMPERATURE (
°C)
–50
100
120
130
140
150
160
170
–25
0
25
50
LT1305 • G02
75
180
190
200
110
100
Oscillator Frequency
TEMPERATURE (
°C)
–50
100
120
130
140
150
160
170
–25
0
25
50
LT1305 • G04
75
180
190
200
110
100
SWITCH OFF
VIN = 2V
Quiescent Current
Quiescent Current
INPUT VOLTAGE (V)
0
300
400
500
8
LT1305 • G05
200
100
0
2
4
6
10
TA = 25°C
SWITCH OFF
Current Limit
TEMPERATURE (˚C)
–50
1.8
2.0
2.2
25
75
LT1305 • G06
1.6
1.4
–25
0
50
100
1.2
1.0
2.4
TEMPERATURE (
°C)
–50
0
4
6
8
10
12
14
–25
0
25
50
LT1305 • G07
75
16
18
20
2
100
LBI Pin Bias Current
FB Pin Bias Current
TEMPERATURE (
°C)
–50
0
4
6
8
10
12
14
–25
0
25
50
LT1305 • G08
75
16
18
20
2
100
FB Voltage
TEMPERATURE (
°C)
–50
1.200
1.210
1.215
1.220
1.225
1.230
1.235
–25
0
25
50
LT1305 • G09
75
1.240
1.245
1.250
1.205
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com