Electronic Components Datasheet Search
  English  ▼

X  

LT1305 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1305
Description  Micropower High Power DC/DC Converter with Low-Battery Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1305 Datasheet(HTML) 5 Page - Linear Technology

  LT1305 Datasheet HTML 1Page - Linear Technology LT1305 Datasheet HTML 2Page - Linear Technology LT1305 Datasheet HTML 3Page - Linear Technology LT1305 Datasheet HTML 4Page - Linear Technology LT1305 Datasheet HTML 5Page - Linear Technology LT1305 Datasheet HTML 6Page - Linear Technology LT1305 Datasheet HTML 7Page - Linear Technology LT1305 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1305
BLOCK DIAGRAM
–
+
–
+
6
7
8
3
2
5
1
4
+
+
C5
C4
L1
D1
VIN
VIN
R1
3
Ω
Q2
1
×
Q1
160
×
SHUTDOWN
LBO
LBI
GND
PGND
SW
R1
R2
C3
C2
C1
FB
OFF
OSCILLATOR
A3
DRIVER
CURRENT
COMPARATOR
HYSTERETIC
COMPARATOR
REFERENCE
1.24V
36mV
LT1305 • F01
Figure 1. LT1305 Block Diagram
OPERATION
Operation of the LT1305 is best understood by referring to
the Block Diagram in Figure 1. When C1’s negative input,
related to the output voltage by the appropriate resistor-
divider ratio, is higher than the 1.24V reference voltage,
C1’s output is low. C2, A3 and the oscillator are turned off,
drawing no current. Only the reference and C1 consume
current, typically 120
µA. When C1’s negative input drops
below 1.24V and overcomes C1’s 6mV hysteresis, C1’s
output goes high, enabling the oscillator, current compara-
tor C2 and driver A3. Quiescent current increases to 2mA
as the device goes into active switching mode. Q1 then
turns on in controlled saturation for nominally 6
µs or until
current comparator C2 trips, whichever comes first. The
switch then turns off for approximately 1.5
µs,thenturnson
again. The LT1305’s switching causes current to alter-
nately build up in L1 and dump into output capacitor C4 via
D1, increasing the output voltage. When the output is high
enough to cause C1’s output to go high, switching action
ceases. Capacitor C4 is left to supply current to the load
until VOUT decreases enough to force C1’s output high, and
the entire cycle repeats. Figure 2 details relevant wave-
forms. C1’s cycling causes low-to-mid-frequency ripple
voltage on the output. Ripple can be reduced by making the
output capacitor large. The 220
µF unit specified results in
ripple of 50mV to 100mV on the 5V output. Paralleling two
capacitors will decrease ripple by approximately 50%.
VOUT
100mV/DIV
AC COUPLED
VSW
5V/DIV
IL
1A/DIV
50
µs/DIV
LT1305 • F02
Figure 2. Burst Mode Operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com