Electronic Components Datasheet Search
  English  ▼

X  

AN2794 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 10Page - STMicroelectronics AN2794 Datasheet HTML 11Page - STMicroelectronics AN2794 Datasheet HTML 12Page - STMicroelectronics AN2794 Datasheet HTML 13Page - STMicroelectronics AN2794 Datasheet HTML 14Page - STMicroelectronics AN2794 Datasheet HTML 15Page - STMicroelectronics AN2794 Datasheet HTML 16Page - STMicroelectronics AN2794 Datasheet HTML 17Page - STMicroelectronics AN2794 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Design considerations
AN2794
14/39
Doc ID 14827 Rev 2
The Kg constant is related to the core geometrical parameters by the following equation:
Equation 32
where Wa is the core window area, Ac is the core cross sectional area and MLT is the mean
length per turn.
For example, choosing an E55/28/21 core with N27 ferrite, having
●
Wa= 2.8 cm
2
●
Ac= 3.5 cm
2
●
MLT= 11.3 cm
the resulting Kg factor is:
●
Kg= 0.91 cm
2
which is then suitable for this application.
Once the core has been chosen, it is possible to calculate the number of primary turns as
follows:
Equation 33
The primary inductance value is:
Equation 34
and the number of secondary turns is:
Equation 35
At this point wires must be selected in order to implement primary and secondary windings.
At 100 kHz the current penetration depth is:
Equation 36
Then, the wire diameter can be selected as follows:
Equation 37
MLT
K
A
W
K
u
2
c
a
g =
turns
2
BA
T
D
V
N
c
max
in
1
min
=
Δ
=
H
2
.
23
nH
5800
4
A
N
L
L
2
p
μ
=
•
=
=
turns
38
1
N
N
N2
=
•
=
cm
0209
.
0
f
62
.
6
=
=
δ
cm
0418
.
0
2
d
=
δ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com