Electronic Components Datasheet Search
  English  ▼

X  

AN2794 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 29Page - STMicroelectronics AN2794 Datasheet HTML 30Page - STMicroelectronics AN2794 Datasheet HTML 31Page - STMicroelectronics AN2794 Datasheet HTML 32Page - STMicroelectronics AN2794 Datasheet HTML 33Page - STMicroelectronics AN2794 Datasheet HTML 34Page - STMicroelectronics AN2794 Datasheet HTML 35Page - STMicroelectronics AN2794 Datasheet HTML 36Page - STMicroelectronics AN2794 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
AN2794
Component list
Doc ID 14827 Rev 2
33/39
M4
STP160N75F3
N-channel 75 V - 3.5 m
Ω 120 A TO-220 STripFET™
Power MOSFET
STMicroelectronics
M5
STP160N75F3
N-channel 75 V - 3.5 m
Ω 120 A TO-220 STripFET™
Power MOSFET
STMicroelectronics
M6
STP160N75F3
N-channel 75 V - 3.5 m
Ω 120 A TO-220 STripFET™
Power MOSFET
STMicroelectronics
Q8
STN4NF03L
N-channel 30 V , 6.5 A SOT-223 STripFET™ II Power
MOSFET
STMicroelectronics
Q9
2SD882
NPN Power BJT 30 V, 3 A transistor- SOT-32
STMicroelectronics
Q10
2SD882
NPN Power BJT 30 V, 3 A transistor- SOT-32
STMicroelectronics
Q11
2SB772
NPN Power BJT 30 V, 3 A transistor - SOT-32
STMicroelectronics
Q12
2SB772
NPN Power BJT 30 V, 3 A transistor - SOT-32
STMicroelectronics
RGATE IGBT
LOW 1
100
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
BC components
RGATE IGBT
HIGH 1
100
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
BC components
RGATE IGBT
LOW 2
100
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
BC components
RGATE IGBT
HIGH 2
100
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
BC components
R7
390 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
BC components
R9
5.6 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
BC components
R20
12
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
BC components
R21
R22
10
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
BC components
R23
R24
R25
R99
R100
R101
R102
R103
R104
R81
22 k
Ω
Standard film res - 1/4 W 5%, axial 05
T-Ohm
R82
3.3 k
Ω
Standard film res - 1/4 W 5%, axial 05
T-Ohm
R83
39 k
Ω
Standard film res - 1/4 W 5%, axial 05
T-Ohm
R87
10 k
Ω
SMD standard film res - 1/8 W - 1% - 100ppm/°C
BC components
Table 7.
Bill of material (BOM) (continued)
Component
Part value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com