Electronic Components Datasheet Search
  English  ▼

X  

AN2794 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 13Page - STMicroelectronics AN2794 Datasheet HTML 14Page - STMicroelectronics AN2794 Datasheet HTML 15Page - STMicroelectronics AN2794 Datasheet HTML 16Page - STMicroelectronics AN2794 Datasheet HTML 17Page - STMicroelectronics AN2794 Datasheet HTML 18Page - STMicroelectronics AN2794 Datasheet HTML 19Page - STMicroelectronics AN2794 Datasheet HTML 20Page - STMicroelectronics AN2794 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
AN2794
Design considerations
Doc ID 14827 Rev 2
17/39
The peak current value across the inductor is:
Equation 52
To select a proper core we must compute the LI2pk value:
Equation 53
Knowing this parameter, from Magnetics’ core chart, a 46.7 mm x 28.7 mm x 12.2 mm Kool
μ toroid, with μ=60 permeability and A
L = 0.086 nH/turn can be selected. The required
number of turns is then:
Equation 54
The resulting magnetizing force (DC bias) is:
Equation 55
The initial value of turns has to be increased by dividing it by 0.8 (as shown in the data
catalog) to take into account the reduction of initial permeability (
μ
e = 39 at full load) at
nominal current value. Then, the adjusted number of turns is:
Equation 56
The wire table shows that at 3 A the AWG20 can be used. With this choice, the maximum
number of turns per layer, for the selected core, is Nlayer= 96 and the resistance per single
layer is rlayer= 0.166Ω. The total winding resistance is then:
Equation 57
and the copper losses are:
Equation 58
The core losses can be evaluated as follows:
A
06
.
3
2
I
I
I
0
pk
=
Δ
+
=
A
mH
3
.
10
LI
2
pk
•
=
turns
132
A
L
N
L
=
=
oersteds
2
.
84
L
NI
4
.
0
H
e
=
π
=
turns
165
N
=
Ω
=
=
38
.
0
r
N
N
R
layer
layer
W
1
.
3
RI
P
2
o
cu
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com