Electronic Components Datasheet Search
  English  ▼

X  

AN2794 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 16Page - STMicroelectronics AN2794 Datasheet HTML 17Page - STMicroelectronics AN2794 Datasheet HTML 18Page - STMicroelectronics AN2794 Datasheet HTML 19Page - STMicroelectronics AN2794 Datasheet HTML 20Page - STMicroelectronics AN2794 Datasheet HTML 21Page - STMicroelectronics AN2794 Datasheet HTML 22Page - STMicroelectronics AN2794 Datasheet HTML 23Page - STMicroelectronics AN2794 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Design considerations
AN2794
20/39
Doc ID 14827 Rev 2
Figure 7.
Distribution of losses with 3 STP160N75F3s paralleled
2.1
Layout considerations
Because of the high power level involved with this design, the parasitic elements must be
reduced as much as possible. Proper operation of the push-pull converter can be assured
through geometrical symmetry of the PCB board. In fact, geometrical symmetry leads to
electrical symmetry, preventing a difference in the current values across the two primary
windings of the transformer which can be the cause of core saturation. The output stage of
the converter has also to be routed with a certain degree of symmetry even if in this case the
impact of unwanted parasitic elements is lower because of lower current values with respect
to the input stage. In Figure 8, Figure 9 and Figure 10, a symmetrical layout designed for the
application is shown.
16%
33%
21%
18%
6%
6%
MOSFET cond. Losses
MOSFET sw. Losses
Diode cond. Losses
Diode sw. Losses
Transformer Losses
Inductor Losses
AM00628v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com