Electronic Components Datasheet Search
  English  ▼

X  

AN4391 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4391
Description  New P-channel trench technology from ST for low power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4391 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4391 Datasheet HTML 5Page - STMicroelectronics AN4391 Datasheet HTML 6Page - STMicroelectronics AN4391 Datasheet HTML 7Page - STMicroelectronics AN4391 Datasheet HTML 8Page - STMicroelectronics AN4391 Datasheet HTML 9Page - STMicroelectronics AN4391 Datasheet HTML 10Page - STMicroelectronics AN4391 Datasheet HTML 11Page - STMicroelectronics AN4391 Datasheet HTML 12Page - STMicroelectronics AN4391 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID025506 Rev 1
9/19
AN4391
P-channel FETs in low power DC-DC converters
19
Equation 2
D is the converter duty-cycle (D=V
OUT
/V
IN
) and I the drain current. Increasing D, conduction
losses become more significant. Converter losses can be minimized only if MOSFET
dynamic (Q
G
, gate charge) and static (R
DS(on)
, drain-source resistance) parameters are as
low as possible. In
Figure 9 efficiency curves are shown:
Figure 9. Efficiency comparison
The efficiency gain is high both at light and full load, due to simultaneous switching and
conduction loss minimization. Finally,
Figure 10 shows thermal measurements at light
(I
OUT
= 0.5 A) and full load (I
OUT
= 2 A):
Figure 10. Temperature measurements
At low currents, thanks to lower intrinsic capacitances, the STL30P3LLH6 has lower
switching losses and gate drive losses (they are needed to switch on and off the device):
P
CON D
DR
DS
o n
() I
2
⋅⋅
=
GIPG131120130934FSR
GIPG131120130936FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com