Electronic Components Datasheet Search
  English  ▼

X  

AN4391 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4391
Description  New P-channel trench technology from ST for low power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4391 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4391 Datasheet HTML 6Page - STMicroelectronics AN4391 Datasheet HTML 7Page - STMicroelectronics AN4391 Datasheet HTML 8Page - STMicroelectronics AN4391 Datasheet HTML 9Page - STMicroelectronics AN4391 Datasheet HTML 10Page - STMicroelectronics AN4391 Datasheet HTML 11Page - STMicroelectronics AN4391 Datasheet HTML 12Page - STMicroelectronics AN4391 Datasheet HTML 13Page - STMicroelectronics AN4391 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
P-channel FETs in low power DC-DC converters
AN4391
10/19
DocID025506 Rev 1
hence, the driver is also cooler. At high-currents, a better R
DS(on)
allows higher efficiency
and lower temperature.
3.2
2.5 V - 5 V, 1 A, 600 kHz synchronous boost converter
Low power synchronous boost converters are widely used: in fact, their input voltage range
(typically, from 2.5 V to 4.2 V) allows operation from a 3.3 V source or directly from a Li-ion
battery. In this converter (
Figure 11), P-channel FET (Q2) can be used as synchronous
element, replacing a low-V
F
diode with lower voltage drop increasing the efficiency of the
entire system.
Figure 11. Synchronous boost converter schematic
The STL30P3LLH6 and planar device’s switching and efficiency behavior (see
Table 1) are
compared. Due to low input voltage level, there are not D-S voltage stress issues, with
maximum values well lower than the device breakdown rating (
Figure 12 and Figure 13).
So, waveforms are quite regular for both devices.
GIPG131120131330FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com