Electronic Components Datasheet Search
  English  ▼

X  

AN4391 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4391
Description  New P-channel trench technology from ST for low power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4391 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4391 Datasheet HTML 1Page - STMicroelectronics AN4391 Datasheet HTML 2Page - STMicroelectronics AN4391 Datasheet HTML 3Page - STMicroelectronics AN4391 Datasheet HTML 4Page - STMicroelectronics AN4391 Datasheet HTML 5Page - STMicroelectronics AN4391 Datasheet HTML 6Page - STMicroelectronics AN4391 Datasheet HTML 7Page - STMicroelectronics AN4391 Datasheet HTML 8Page - STMicroelectronics AN4391 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID025506 Rev 1
5/19
AN4391
P-channel technology overview
19
In a trench structure, the gate electrode is made up of a deep dug polysilicon electrode,
isolated by a gate oxide layer. So, the trench extends beyond the bottom of N- body region
to form a channel connecting P+ source region to P- drift region. The elimination of JFET
region, which affects negatively the R
DS(on)
planar structures, allows very competitive
R
DS(on)
values to be achieved and the cell pitch to be reduced, with additional benefits in
other R
DS(on)
components.The main electrical parameters of two MOSFETs are reported in
Table 1: the STL30P3LLH6 is realized with the new STripFET VI DeepGATE technology
and is compared with an old planar device.
In
Figure 3 there is a comparison between the R
DS(on)
x area and die-size of two above
mentioned devices:
Figure 3. STripFET VI DeepGATE technology vs. planar one
As shown in the previous chart, the STL30P3LLH6 R
DS(on)
x area improvement is around
60% (both at 4.5 V and 10 V), while its die-size is halved.
Table 1. MOSFET electrical parameters
Type
BVDSS
@ 250
µA
RDS(on)
typ. @ 5 V
RDS(on)
typ. @ 10
V
VTH @ 250
µA
Ciss @ 25 V Crss @ 25 V
Coss @ 25
V
RG
STL30P3LLH6
> 30 V
39 m
28 m
1.8 V
1300 pF
125 pF
175 pF
2.3
Old planar
device
> 30 V
65 m
45 m
1.6 V
1350 pF
130 pF
490 pF
3
GIPG131120130900FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com