Electronic Components Datasheet Search
  English  ▼

X  

AN4391 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4391
Description  New P-channel trench technology from ST for low power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4391 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4391 Datasheet HTML 1Page - STMicroelectronics AN4391 Datasheet HTML 2Page - STMicroelectronics AN4391 Datasheet HTML 3Page - STMicroelectronics AN4391 Datasheet HTML 4Page - STMicroelectronics AN4391 Datasheet HTML 5Page - STMicroelectronics AN4391 Datasheet HTML 6Page - STMicroelectronics AN4391 Datasheet HTML 7Page - STMicroelectronics AN4391 Datasheet HTML 8Page - STMicroelectronics AN4391 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID025506 Rev 1
3/19
AN4391
Description
19
1
Description
P-channel MOSFETs don't play a relevant role in high-current applications, where a low
R
DS(on)
is required to minimize the system conduction losses. In fact, with the same die-
size, the P-channel device’s R
DS(on)
is around 2.5/3 times higher than N-channel one, in
other words, a bigger die-size for P-channel structures is needed to achieve the same on-
state performance. This is a serious drawback in terms of overall system cost, efficiency and
thermal management when the system works at a high switching frequency. If the die-size is
bigger, device’s intrinsic capacitances and switching losses are higher. However, there are
several application segments where P-channel FETs can be used with a good performance,
thanks to their electrical features. First of all, in low power DC-DC converters (buck
converter, with maximum load current in the range of 2 - 3 A), a P-channel device can be
used as high-side switch, without any additional external gate driving circuitry (i.e. charge
pump), simplifying the overall circuit complexity. Secondly, in boost converters with low input
voltages, a P-channel device can be used as an output synchronous rectifier, replacing a
low-VF diode and improving the converter efficiency thanks to its figure-of-merit (FOM =
R
DS(on)
* Q
G
). Finally, one of the most common P-channel MOSFET applications is the load
switch, a pass element connecting a power source (battery, adapter) to a given load
(display, ASIC…); by shutting off the load switch, the loads can be temporarily disconnected
improving battery autonomy. Load switches are gaining ever-increasing importance
because battery life is becoming one of the most important requirements for modern
handheld devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com