Electronic Components Datasheet Search
  English  ▼

X  

AN4638 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4638
Description  The two-switch forward converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4638 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4638 Datasheet HTML 3Page - STMicroelectronics AN4638 Datasheet HTML 4Page - STMicroelectronics AN4638 Datasheet HTML 5Page - STMicroelectronics AN4638 Datasheet HTML 6Page - STMicroelectronics AN4638 Datasheet HTML 7Page - STMicroelectronics AN4638 Datasheet HTML 8Page - STMicroelectronics AN4638 Datasheet HTML 9Page - STMicroelectronics AN4638 Datasheet HTML 10Page - STMicroelectronics AN4638 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID027309 Rev 1
7/23
AN4638
Description of test conditions and analyses
23
4
Description of test conditions and analyses
The switching performance and temperature characteristics of the IGBT devices were
evaluated at full load steady state operation in “open board” conditions at room temperature
(25 ºC), as well as various operating conditions for the board by stepping the input/output
power level up to the maximum value, with a 220 VAC input main voltage and 50 Hz
frequency.
In both the analyses, the full load condition was reproduced by connecting the output of the
board with a resistive load composed of a series of power resistances arranged in parallel
and with a ceramic base in order to reach the total value of about 145 m
Ω. During the tests,
a fan was used to maintain a constant temperature and therefore help keep total resistance
value constant. This external fan was mounted away from the welding machine to avoid any
influence on the thermal performance of the devices. Moreover, in all the tests performed,
the IGBTs were screwed to the same heatsink as per the original mounting arrangement.
In open board conditions (removing the external metal cover of the welding machine) at
ambient temperature (~25 °C), the measurements were performed with the IGBTs
connected with wires in order to allow the insertion of the probes for the scope to record the
signals. Under these conditions, particular attention was focused on the electrical behavior
of parameters like the VCE voltage across collector and emitter pins, the collector (or
emitter) current IC and the VGE voltage across gate and emitter pins during normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com