Electronic Components Datasheet Search
  English  ▼

X  

AN4638 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4638
Description  The two-switch forward converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4638 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4638 Datasheet HTML 10Page - STMicroelectronics AN4638 Datasheet HTML 11Page - STMicroelectronics AN4638 Datasheet HTML 12Page - STMicroelectronics AN4638 Datasheet HTML 13Page - STMicroelectronics AN4638 Datasheet HTML 14Page - STMicroelectronics AN4638 Datasheet HTML 15Page - STMicroelectronics AN4638 Datasheet HTML 16Page - STMicroelectronics AN4638 Datasheet HTML 17Page - STMicroelectronics AN4638 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
HB series IGBTs on a 6 kW welder
AN4638
14/23
DocID027309 Rev 1
Figure 6. STGW60H65DFB temperature and operating time at 220 VAC
The measurement of the total turn-off energies (taken as the mathematical sum of the
energies related to each device of the high-side pair of tested IGBTs) are detailed in the
table and graph below, starting from 90 A up to the maximum output current of 200 A for a
220 VAC input main voltage at 50 Hz.
Table 8. STGW60H65DFB total turn-off energy measurements
Device (Q1 + Q2)
EOFF @ 90 A
(µJ)
EOFF @ 130 A
(µJ)
EOFF @ 165 A
(µJ)
EOFF @ 200 A
(µJ)
STGW60H65DFB
~586
~787
~887
~947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com