Electronic Components Datasheet Search
  English  ▼

X  

AN4638 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4638
Description  The two-switch forward converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4638 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4638 Datasheet HTML 1Page - STMicroelectronics AN4638 Datasheet HTML 2Page - STMicroelectronics AN4638 Datasheet HTML 3Page - STMicroelectronics AN4638 Datasheet HTML 4Page - STMicroelectronics AN4638 Datasheet HTML 5Page - STMicroelectronics AN4638 Datasheet HTML 6Page - STMicroelectronics AN4638 Datasheet HTML 7Page - STMicroelectronics AN4638 Datasheet HTML 8Page - STMicroelectronics AN4638 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DocID027309 Rev 1
3/23
AN4638
Two-switch forward converter general concepts
23
1
Two-switch forward converter general concepts
The two-switch forward converter circuit employs two power switches to energize the
primary side of a ferrite high frequency transformer and two freewheeling diodes to
discharge the magnetization inductance of the primary side winding of the transformer. At
the secondary side, transformer output voltage is initially scaled, then rectified by the diode
bridge rectifier (half-bridge or full-bridge, depending on the application requirements) and
finally filtered to provide smooth DC voltage or current. The two power switches are
simultaneously switched on and the gates are driven by square waves with variable duty
cycle based on the pulse width modulation technique. The duty cycle variation therefore
allows voltage modulation on the output of the power supply and, consequently, the welding
current modulation[3].
In welding applications, the forward converter is normally designed to operate in continuous-
conduction mode (CCM) for the output inductor current at a fixed switching frequency (the
output inductor lends continuous-mode operation to the current as the main IGBT switches
turn on before this output current ceases). In particular, a single-ended converter requires a
larger transformer and output inductor for welding machines above the 4 kW output level.
Figure 1 illustrates the two-switch forward converter configuration.
Figure 1. IGBTs mounted on a double switch forward topology.
The input voltage seen by the inverter stage used in this power range is the output voltage
of a power factor correction (PFC) converter, typically in the 380 V – 400 V range for single
phase welding machine inverters.
The double switch forward configuration is preferable to alternative configurations because
power switches in the off state are subject to a voltage stress equal to the DC input voltage
VDC (or Vbulk) and the transformer design is more straightforward than other isolated
topologies because no additional winding to reset the magnetic flux in the core is required.
Moreover, since the two recirculating diodes clamp the input voltage, no snubber circuit is
required and any overshoot beyond the input voltage can be managed with a proper circuit
layout to minimize stray inductances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com