Electronic Components Datasheet Search
  English  ▼

X  

AN4638 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4638
Description  The two-switch forward converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4638 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4638 Datasheet HTML 1Page - STMicroelectronics AN4638 Datasheet HTML 2Page - STMicroelectronics AN4638 Datasheet HTML 3Page - STMicroelectronics AN4638 Datasheet HTML 4Page - STMicroelectronics AN4638 Datasheet HTML 5Page - STMicroelectronics AN4638 Datasheet HTML 6Page - STMicroelectronics AN4638 Datasheet HTML 7Page - STMicroelectronics AN4638 Datasheet HTML 8Page - STMicroelectronics AN4638 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Two-switch forward converter general concepts
AN4638
4/23
DocID027309 Rev 1
Other distinctive features include:
•
The clamp diodes recover the magnetizing energy stored in the core during on-time,
which is fed back to the supply; therefore, any voltage spikes generated by leakage
inductance are clamped to the DC input bulk voltage level.
•
No IGBT antiparallel co-packaged diode conduction is required under any operating
condition.
•
The maximum duty cycle is limited to 50% to guarantee full demagnetization of the
ferrite transformer during toff (transformer reset) to prevent magnetic flux saturation.
•
The core flux only operates in one quadrant of the BH loop.
•
The configuration is unable to operate in zero-voltage switching (ZVS) mode because
this limits its operation frequency.
Even if the IGBT voltage stress should, in theory, be clamped to the maximum DC input bulk
voltage level and recycled back to the input capacitor via the activation of the fast recovery
diodes, the IGBTs may actually see an additional spike during turn-off switching which is
affected by the leakage inductance energy, the switching speed, and the circuit layout.
Leakage inductance is difficult to control and often varies in production[4].
Refer to “Topology equations and device selection” in the Appendix, which details some
useful equations for the selection of the IGBTs used in testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com