Electronic Components Datasheet Search
  English  ▼

X  

TN1037 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TN1037
Description  nano mounting instructions and heatsink
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1037 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TN1037 Datasheet HTML 13Page - STMicroelectronics TN1037 Datasheet HTML 14Page - STMicroelectronics TN1037 Datasheet HTML 15Page - STMicroelectronics TN1037 Datasheet HTML 16Page - STMicroelectronics TN1037 Datasheet HTML 17Page - STMicroelectronics TN1037 Datasheet HTML 18Page - STMicroelectronics TN1037 Datasheet HTML 19Page - STMicroelectronics TN1037 Datasheet HTML 20Page - STMicroelectronics TN1037 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DocID024655 Rev 3
17/24
TN1037
Reflow
24
4
Reflow
The SLLIMM-nano is intended to be a through hole device (THD). THDs are typically
soldered by wave soldering. However, as the number of THDs on a board continues to
decrease in some applications, wave soldering becomes less cost-effective, so the few
remaining THDs (mostly connectors and special components) are soldered with selective
wave soldering or with pin-in-paste techniques, plus reflow soldering.
4.1
Selective wave soldering of SLLIMM-nano
Wave soldering is a large-scale soldering process by which electronic components are
soldered to a PCB to form an electronic assembly. The name is derived from the fact that
the process uses a tank to hold a quantity of molten solder; the components are inserted
into or placed on the PCB and the loaded PCB is passed across a pumped wave or cascade
of solder. The solder wets the exposed metallic areas of the board (those not protected with
solder mask), creating a reliable mechanical and electrical connection.
For THDs, only the leads that extend through the drill holes in the PCB contact the hot
solder. The body of the package is heated by the hot leads. This has two consequences:
1.
The package body is cooler than in the case of reflow soldering
2.
The temperature gradient between the leads, the body and inside the package is
greater than in the case of reflow soldering.
Therefore, for wave-solderable THDs the heat resistance is tested according to JESD22-
B106 and IEC668 2-20 (typically 260 °C, 10 s).
Note:
Immersion of the whole package body into the molten solder is not recommended since the
SLLIMM-nano is not designed for such a harsh temperature shock.
For evaluation of its ability to withstand full body immersion, please see also JESD22-A111.
There are many types of wave-soldering machines, but their basic components and
principles are the same. A standard wave-soldering machine consists of three zones: the
fluxing zone, the preheating zone, and the soldering zone. A fourth zone, the cleaning zone,
may be used depending on the type of flux applied.
Dual-wave soldering is the most commonly used wave-soldering method (see
Figure 17).
The peak temperatures, ramp rates, and times that are used depend on the materials and
the wave-soldering equipment.
The first wave has a turbulent flow and therefore guarantees a wetting of nearly all shapes
of leads and board pads, but also creates an increased number of unwanted solder bridges.
These solder bridges have to be removed by the second, laminar wave.
When using lead-free solder alloys, a nitrogen atmosphere is recommended.
Selective wave soldering is used when only a few THDs need to be soldered onto the board.
Generally this is done after the other components are already soldered by reflow soldering.
This requires effective protection of these components undergoing the selective wave
soldering. This protection can be achieved either by using special fixtures and deflectors for
the PCB and/or a small wave shape achieved by using special wave-guiding tubes or
covers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com