Electronic Components Datasheet Search
  English  ▼

X  

TN1037 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TN1037
Description  nano mounting instructions and heatsink
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1037 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TN1037 Datasheet HTML 15Page - STMicroelectronics TN1037 Datasheet HTML 16Page - STMicroelectronics TN1037 Datasheet HTML 17Page - STMicroelectronics TN1037 Datasheet HTML 18Page - STMicroelectronics TN1037 Datasheet HTML 19Page - STMicroelectronics TN1037 Datasheet HTML 20Page - STMicroelectronics TN1037 Datasheet HTML 21Page - STMicroelectronics TN1037 Datasheet HTML 22Page - STMicroelectronics TN1037 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DocID024655 Rev 3
19/24
TN1037
Reflow
24
4.3
Pin-in-paste
Another technique used to solder THDs is to print solder paste onto a PCB near or over drill
holes through which the leads are then inserted. The reflow of the solder paste is done
together with soldering the SMDs, which therefore have to go through the reflow
temperature profile. This has two consequences:
1.
The temperature is nearly the same for the whole package in contrast to wave
soldering.
2.
The time for which the peak temperature is applied to the package is much longer
compared to wave soldering.
THD are qualified for wave soldering and not for reflow soldering. Therefore, pin-in-paste
soldering techniques are not recommended for SLLIMM-nano.
4.4
Heatsink mounting by reflow soldering
In special applications, the heatsink of high-power THDs can be mounted to the board by
solder paste printing, pick & place, and reflow soldering. In this case, the packages undergo
a reflow profile.
THDs are qualified for wave soldering and not for reflow soldering. Therefore, reflow
soldering should not be used for heatsink mounting for the SLLIMM-nano.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com