Electronic Components Datasheet Search
  English  ▼

X  

TN1037 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TN1037
Description  nano mounting instructions and heatsink
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1037 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TN1037 Datasheet HTML 16Page - STMicroelectronics TN1037 Datasheet HTML 17Page - STMicroelectronics TN1037 Datasheet HTML 18Page - STMicroelectronics TN1037 Datasheet HTML 19Page - STMicroelectronics TN1037 Datasheet HTML 20Page - STMicroelectronics TN1037 Datasheet HTML 21Page - STMicroelectronics TN1037 Datasheet HTML 22Page - STMicroelectronics TN1037 Datasheet HTML 23Page - STMicroelectronics TN1037 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Rework
TN1037
20/24
DocID024655 Rev 3
5
Rework
If a defective component is observed after board assembly, the device can be removed and
replaced by a new one. Repair of single solder joints is generally possible, but requires the
proper tools. For example, repairing the solder joint of an exposed die pad cannot be done
with a soldering iron.
Whatever rework process is applied, it is important to recognize that heating a board and
components above 200 °C may result in damage. As a precaution, every board with its
components has to be baked prior to rework. For details, please refer to the international
standard J-STD-033.
In any case, mechanical, thermal or thermo-mechanical over-stress must be avoided, and
rework done according to JEDEC J-STD-033A, IPC-7711 and IPC-7721.
5.1
Device removal
If a defective component needs to be sent back to the supplier, no further defects must be
caused during the removal of this component, because this may hinder the failure analysis
by the supplier. The following recommendations should be considered:
• Moisture: depending on the MSL, the package may have to be dried before removal. If the
maximum storage time out of the dry pack (see label on packing material) is exceeded
after board assembly, the PCB has to be baked according to the recommendations of the
PCB manufacturer. Otherwise, too much moisture may have been accumulated and
damage may occur (“popcorn” effect).
• Temperature profile: during the de-soldering process it should be assured that the
package peak temperature is not higher and temperature ramps are not steeper than for
the standard assembly wave process.
• Mechanics: be careful not to apply high mechanical forces for removal. Otherwise failure
analysis of the package could be rendered impossible, or the PCB can be damaged. For
large packages, pipettes can be used (implemented on most rework systems); for small
packages, tweezers may be more practical.
5.2
Site redressing
After removing the defective component, the pads on the PCB have to be cleaned to
remove solder residues. This may be done by vacuum de-soldering or wick.
Do not use steel brushes because steel residues can lead to bad solder joints. Before
placing a new component, it may be necessary to apply solder paste on PCB pads by
printing (special micro-stencil) or dispensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com