Electronic Components Datasheet Search
  English  ▼

X  

UM1036 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1036
Description  This document describes the 2 kW 3-phase motor control evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1036 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1036 Datasheet HTML 3Page - STMicroelectronics UM1036 Datasheet HTML 4Page - STMicroelectronics UM1036 Datasheet HTML 5Page - STMicroelectronics UM1036 Datasheet HTML 6Page - STMicroelectronics UM1036 Datasheet HTML 7Page - STMicroelectronics UM1036 Datasheet HTML 8Page - STMicroelectronics UM1036 Datasheet HTML 9Page - STMicroelectronics UM1036 Datasheet HTML 10Page - STMicroelectronics UM1036 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
DocID18293 Rev 2
7/47
UM1036
Board description
47
2
Board description
2.1
System architecture
A generic motor control system can be basically schematized as the arrangement of four
main blocks (see Figure 2).
•
Control block - its main task is to accept user commands and motor drive
configuration parameters. It provides all digital signals to implement the proper motor
driving strategy. The STM3210B-EVAL evaluation board, based on the STM32
microcontroller can be used as the control block, thanks to the motor control connector
equipped on the STEVAL-IHM028V2.
•
Power block - it is based on 3-phase inverter topology. The heart of the power block is
the STGIPS20C60 integrated intelligent power module which contains all the
necessary active components. Please refer to the STGIPS20C60 datasheet for more
information.
•
Motor - the STEVAL-IHM028V2 evaluation board is able to properly drive any PMSM,
but the FOC itself is mostly conceived for sinusoidal shaped back-EMF. The evaluation
board is also convenient for driving any 3-phase asynchronous motor.
•
Power supply block - able to work from 90 VAC to 285 VAC or from 125 VDC to 400
VDC. The power block is based on a buck converter with a VIPer26 controller. Please
refer to Section 3 to properly set the jumpers according to the required application.
Figure 2. Motor control system architecture
Of the above motor control system architecture, the STEVAL-IHM028V2 includes the power
supply and the power block hardware blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com