Electronic Components Datasheet Search
  English  ▼

X  

UM1036 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1036
Description  This document describes the 2 kW 3-phase motor control evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1036 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1036 Datasheet HTML 1Page - STMicroelectronics UM1036 Datasheet HTML 2Page - STMicroelectronics UM1036 Datasheet HTML 3Page - STMicroelectronics UM1036 Datasheet HTML 4Page - STMicroelectronics UM1036 Datasheet HTML 5Page - STMicroelectronics UM1036 Datasheet HTML 6Page - STMicroelectronics UM1036 Datasheet HTML 7Page - STMicroelectronics UM1036 Datasheet HTML 8Page - STMicroelectronics UM1036 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
DocID18293 Rev 2
5/47
UM1036
System introduction
47
1.3
Safety and operating instructions
1.3.1
General terms
Warning:
During assembly, testing, and normal operation, the
evaluation board poses several inherent hazards, including
bare wires, moving or rotating parts, and hot surfaces. There
is a danger of serious personal injury and damage to
property if the kit or components are improperly used or
installed incorrectly. The kit is not electrically isolated from
the AC/DC input. The evaluation board is directly linked to
the mains voltage. No insulation is ensured between the
accessible parts and the high voltage. All measuring
equipment must be isolated from the mains before powering
the board. When using an oscilloscope with the demo, it
must be isolated from the AC line. This prevents shock from
occurring as a result of touching any single point in the
circuit, but does NOT prevent shock when touching two or
more points in the circuit. Do not touch the evaluation board
after disconnection from the voltage supply; several parts
and power terminals, which contain energized capacitors,
must be allowed to discharge.
All operations involving transportation, installation and use, as well as maintenance, are to
be carried out by skilled technical personnel (national accident prevention rules must be
observed). For the purpose of these basic safety instructions, “skilled technical personnel”
are considered as suitably qualified people who are familiar with the installation, use, and
maintenance of power electronic systems.
1.3.2
Eevaluation board intended use
The STEVAL-IHM028V2 evaluation board is designed for evaluation purposes only and
must not be used in final applications. The technical data, as well as information concerning
the power supply conditions, must only be taken from the relevant documentation and must
be strictly observed.
1.3.3
Evaluation board installation
The installation and cooling of the evaluation board must be done in accordance with the
specifications and the targeted application.evaluation
The motor drive converters are protected against excessive strain. In particular, no
components are to be bent or isolating distances altered during the course of
transportation or handling.
No contact must be made with other electronic components and contacts.
The boards contain electrostatically sensitive components that are prone to damage
through improper use. Electrical components must not be mechanically damaged or
destroyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com