Electronic Components Datasheet Search
  English  ▼

X  

UM1036 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1036
Description  This document describes the 2 kW 3-phase motor control evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1036 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1036 Datasheet HTML 1Page - STMicroelectronics UM1036 Datasheet HTML 2Page - STMicroelectronics UM1036 Datasheet HTML 3Page - STMicroelectronics UM1036 Datasheet HTML 4Page - STMicroelectronics UM1036 Datasheet HTML 5Page - STMicroelectronics UM1036 Datasheet HTML 6Page - STMicroelectronics UM1036 Datasheet HTML 7Page - STMicroelectronics UM1036 Datasheet HTML 8Page - STMicroelectronics UM1036 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
System introduction
UM1036
4/47
DocID18293 Rev 2
1
System introduction
1.1
Main characteristics
The information listed below shows the converter specification data and the main
parameters set for the STEVAL-IHM028V2 evaluation board.
•
Minimum input voltage 125 VDC or 90 VAC
•
Maximum input voltage 400 VDC or 285 VAC
•
With applied input voltage doubler - the range from 65 VAC to 145 VAC
•
Maximum output power for applied motor up to 2000 W
•
Regenerative brake control feature
•
Input inrush limitation with bypassing relay
•
+15 V auxiliary power supply based on a buck converter with VIPer™26
•
Using IGBT intelligent power module STGIPS20C60 in SDIP 25L molded package
•
Fully populated board conception with test points and safety isolated plastic cover
•
Motor control connector for interface with STM3210B-EVAL board, STM8/128-EVAL
board, and other ST motor control dedicated kits
•
Tachometer input
•
Hall/encoder inputs
•
Overheating protection
•
Active fan cooling of heatsink with automatic temperature switch
•
Possibility to connect MB843 BLDC daughterboard for sensor-less six-step control
•
PCB type and size:
–
Material of PCB - FR-4
–
Double-sided layout
–
Copper thickness: ~60
μm
Total dimensions of evaluation board: 195 mm x 175 mm.
1.2
Target application
•
Power fans for HVAC application
•
Power tools
•
Industrial drives
•
High-power industry pumps
•
Professional washing machines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com