Electronic Components Datasheet Search
  English  ▼

X  

UM1756 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1756
Description  The EVAL6480H-DISC and EVAL6482H-DISC are low cost development tools based
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1756 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1756 Datasheet HTML 6Page - STMicroelectronics UM1756 Datasheet HTML 7Page - STMicroelectronics UM1756 Datasheet HTML 8Page - STMicroelectronics UM1756 Datasheet HTML 9Page - STMicroelectronics UM1756 Datasheet HTML 10Page - STMicroelectronics UM1756 Datasheet HTML 11Page - STMicroelectronics UM1756 Datasheet HTML 12Page - STMicroelectronics UM1756 Datasheet HTML 13Page - STMicroelectronics UM1756 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Board specifications
UM1756
10/49
DocID026263 Rev 2
Figure 6. EVAL6480H-DISC layout top layer and bottom layer
Table 2. EVAL6480H-DISC bill of material
Item
Qty.
Reference
Value
Package
C1, C12
2
CAP. CER. 10 µF 10 V X7R 0805
10 µF
0805
C2, C6, C13, C14, C17,
C23 - C25, C27 - C29
11
CAP. CER. 100 nF 50 V X7R 0603
100 nF
0603
C3
1
CAP. ELEC. 220 µF 100 V
220 µF
CAPES-R18H17
C4, C9
2
CAP. CER. 470 nF 25 V X7R 0603
470 nF
0603
C5
1
CAP. CER. 4.7 nF 50 V X7R 0603
4.7 nF
0603
C7
1
CAP. CER. 47 nF 100 V X7R/X7S
0805
47 nF
0805
C8,
1
CAP. CER. 220 nF 35 V X7R 0603
220 nF
0603
C10, C19, C20
3
CAP. CER. 220 nF 100 V X7R 0805
220 nF
0805
C11, C22, C26
3
CAP. CER. 10 nF 50 V X7R 0603
10 nF
0603
C15, C16
2
CAP. CER. 20 pF 50 V COG 0603
20 pF
0603
C18
1
CAP. CER. 100 pF 50 V COG 0603
100 pF
0603
C21
1
CAP. CER. 1 µF 10 V X7R 0805
1 µF
0805
D1
1
Double diode - high speed
switching diode
BAR43
SOT23
D2, D3
2
Diode Schottky 150 mA
BAT46ZFILM
SOD 123
D4
1
Zener regulator
3.6 V
SOD 523
D5
1
LED yellow - 0805 -6mcd - 588nm
Yellow
0805
D6
1
LED red - 0805 -2mcd - 621nm
Red
0805
D7
1
LED orange - 0805 -2mcd - 602nm
Orange
0805
D8
1
LED green - 0805 -6mcd - 569nm
Green
0805
FIX1 - FIX4
4
Hole
Diam. 3 mn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com