Electronic Components Datasheet Search
  English  ▼

X  

UM1756 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1756
Description  The EVAL6480H-DISC and EVAL6482H-DISC are low cost development tools based
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1756 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1756 Datasheet HTML 21Page - STMicroelectronics UM1756 Datasheet HTML 22Page - STMicroelectronics UM1756 Datasheet HTML 23Page - STMicroelectronics UM1756 Datasheet HTML 24Page - STMicroelectronics UM1756 Datasheet HTML 25Page - STMicroelectronics UM1756 Datasheet HTML 26Page - STMicroelectronics UM1756 Datasheet HTML 27Page - STMicroelectronics UM1756 Datasheet HTML 28Page - STMicroelectronics UM1756 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
DocID026263 Rev 2
25/49
UM1756
Programming section
49
5
Programming section
5.1
STM32F105RB microcontroller
The STM32F105xx device incorporates the high-performance ARM® Cortex™-M3 32-bit
RISC core operating at a 72 MHz frequency, high-speed embedded memories (Flash
memory up to 256 Kbytes and SRAM 64 Kbytes), and an extensive range of enhanced I/O
and peripherals connected to two APB buses. All devices offer two 12-bit ADCs, four
general-purpose 16-bit timers plus a PWM timer, as well as standard and advanced
communication interfaces: up to two I2Cs, three SPIs, two I2Ss, five USARTs, an USB OTG
FS and two CANs.
The STM32F105xx operates in the -40 to +105 °C temperature range, from a 2.0 to 3.6 V
power supply. A comprehensive set of power-saving mode allows the design of low-power
applications.
The STM32F105xx offers devices in three different package types: from 64 pins to 100 pins.
Depending on the device chosen, different sets of peripherals are included.
These features make the STM32F105xx and STM32F107xx connectivity line
microcontroller family suitable for a wide range of applications such as motor drives and
application control, medical and handheld equipment, industrial applications, PLCs,
inverters, printers, and scanners, alarm systems, video intercom, HVAC and home audio
equipment.
Please refer to the STM32F105xx datasheet for an overview of the complete range of
peripherals proposed in this family.
Please refer to the STM32F105xx reference manual RM0008 to get more information on the
microcontroller operation.
The STM32F105RBT6 has a 64-pin LQFP package with 128 KBytes Flash memory and
operates in the -40 to +85 °C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com