Electronic Components Datasheet Search
  English  ▼

X  

LT1006 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1006
Description  Precision, Single Supply Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1006 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1006 Datasheet HTML 3Page - Linear Technology LT1006 Datasheet HTML 4Page - Linear Technology LT1006 Datasheet HTML 5Page - Linear Technology LT1006 Datasheet HTML 6Page - Linear Technology LT1006 Datasheet HTML 7Page - Linear Technology LT1006 Datasheet HTML 8Page - Linear Technology LT1006 Datasheet HTML 9Page - Linear Technology LT1006 Datasheet HTML 10Page - Linear Technology LT1006 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1006
1006fa
TYPICAL PERFOR A CE CHARACTERISTICS
10Hz Voltage Noise Distribution
0.1Hz to 10Hz Noise
Noise Spectrum
VOLTAGE NOISE DENSITY (nV/√Hz)
16
0
40
100
20
24
LT1006 • G11
20
80
60
28
32
VS = ±2.5V
TA = 25°C
200 UNITS TESTED
FROM THREE RUNS
FREQUENCY (Hz)
1
10
100
30
300
1000
10
100
1k
LT1006 • G12
TA = 25°C
VS = ±2V TO ±18V
CURRENT NOISE
VOLTAGE NOISE
1/f CORNER 2Hz
0
246
TIME (SEC)
810
LT1006 • G13
VS = ±2V TO ±15V
TA = 25°C
Supply Current vs Temperature
Increasing Slew Rate (RSET to V–)
Reducing Power Dissipation
TEMPERATURE (°C)
–50
250
350
500
0
50
75
LT1006 • G14
300
450
400
–25
25
100
125
VS = ±15V
VS = 5V, 0V
CURRENT INJECTED INTO PIN 8 (µA)
*ISY DOES NOT INCLUDE CURRENT THROUGH RSET
50
10
100
1000
5
0.5
10
1
LT1006 • G15
VS = 5V, 0V
SR
ISY*
PIN 8 IS APPROXIMATELY
60mV ABOVE THE NEGATIVE SUPPLY
0.01
0.1
1
LT1006 • G16
RSET, PIN 8 TO PIN 4 (Ω)
100
0.1
1
10
0.1
1
10
1k
10k
VS = ±15V
OR VS = 5V, 0V
ISY
SR
PIN 8 IS APPROXIMATELY
60mV ABOVE THE NEGATIVE SUPPLY
Output Saturation vs Sink Current
vs Temperature
Common Mode Rejection Ratio
vs Frequency
Maximum Output Swing
vs Load Resistor
TEMPERATURE (°C)
–50
–25
0.1
1.0
10
025
50
75
100
125
LT1006 • G17
0.01
V
+ = 5V TO 30V
V
– = 0V
ISINK = 10mA
ISINK = 5mA
ISINK = 1mA
ISINK = 100µA
ISINK = 10µA
ISINK = 0
LOAD RESISTOR (kΩ)
0.01
2
3
4
0.1
1
10
LT1006 • G18
1
0
5
VS = 5V, 0V
TA = 25°C
TA = –55°C
TA = 125°C
FREQUENCY (Hz)
10
0
20
40
60
80
100
120
100
1k
10k
100k
LT1006 • G19
1M
TA = 25°C
VS = 5V, 0V
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com