Electronic Components Datasheet Search
  English  ▼

X  

LT1006 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1006
Description  Precision, Single Supply Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1006 Datasheet(HTML) 4 Page - Linear Technology

  LT1006 Datasheet HTML 1Page - Linear Technology LT1006 Datasheet HTML 2Page - Linear Technology LT1006 Datasheet HTML 3Page - Linear Technology LT1006 Datasheet HTML 4Page - Linear Technology LT1006 Datasheet HTML 5Page - Linear Technology LT1006 Datasheet HTML 6Page - Linear Technology LT1006 Datasheet HTML 7Page - Linear Technology LT1006 Datasheet HTML 8Page - Linear Technology LT1006 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1006
1006fa
The ● denotes the specifications which apply over the full operating
temperature range. VS = 5V, 0V; VCM = 0V; VO = 1.4V; 0°C ≤ TA ≤ 70°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LT1006AM/AC
LT1006M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
30
100
50
180
µV
LT1006S8
100
525
µV
IOS
Input Offset Current
0.1
0.5
0.15
0.9
nA
IB
Input Bias Current
7.5
12.0
8
20
nA
Input Voltage Range
13.5
13.8
13.5
13.8
V
–15.0
–15.3
–15.0
–15.3
V
CMRR
Common Mode Rejection Ratio
VCM = +13.5V, –15V
100
117
97
116
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V, VO = 0V
106
126
103
124
dB
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
1.5
5.0
1.2
4.0
V/µV
VO = ±10V, RL = 600Ω
0.8
1.5
0.5
1.0
V/µV
VOUT
Maximum Output Voltage Swing
RL = 2k
±13
±14
±12.5
±14
V
SR
Slew Rate
RSET = ∞
0.25
0.4
0.25
0.4
V/µs
RSET = 390Ω Pin 8 to Pin 4
1.0
1.2
1.0
1.2
V/µs
IS
Supply Current
360
540
360
600
µA
VS = ±15V, TA = 25°C, unless otherwise noted.
LT1006AC
LT1006C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
J8/H Package
●
30
110
45
160
µV
N8 Package
●
50
190
µV
S8 Package
●
110
560
µV
∆VOS
Input Offset Voltage Drift
J8/H Package
●
0.2
1.3
0.3
1.8
µV/°C
∆Temp
N8 Package
●
0.5
2.5
µV/°C
S8 Package
●
0.7
3.5
µV/°C
IOS
Input Offset Current
●
0.25
1.2
0.3
2.5
nA
IB
Input Bias Current
●
11
20
12
30
nA
AVOL
Large-Signal Voltage Gain
VO = 0.04V to 3.5V, RL = 2k
●
0.35
1.3
0.25
1.2
V/µV
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
●
96
109
92
108
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V, VO = 0V
●
101
120
97
118
dB
Maximum Output Voltage Swing
Output Low, 600Ω to GND
●
613
6
13
mV
Output High, 600Ω to GND
●
3.3
3.9
3.2
3.9
V
IS
Supply Current
●
350
570
360
620
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com