Electronic Components Datasheet Search
  English  ▼

X  

LT1006 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1006
Description  Precision, Single Supply Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1006 Datasheet(HTML) 5 Page - Linear Technology

  LT1006 Datasheet HTML 1Page - Linear Technology LT1006 Datasheet HTML 2Page - Linear Technology LT1006 Datasheet HTML 3Page - Linear Technology LT1006 Datasheet HTML 4Page - Linear Technology LT1006 Datasheet HTML 5Page - Linear Technology LT1006 Datasheet HTML 6Page - Linear Technology LT1006 Datasheet HTML 7Page - Linear Technology LT1006 Datasheet HTML 8Page - Linear Technology LT1006 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1006
1006fa
The ● denotes the specifications which apply over the full operating
temperature range. VS = ±15V, –55°C ≤ TA ≤ 125°C, unless otherwise noted.
The ● denotes the specifications which apply over the full operating temperature range. VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise
noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This parameter is guaranteed by design and is not tested.
Note 3: Regular operation does not require an external resistor. In order
to program the supply current for low power or high speed operation,
connect an external resistor from Pin 8 to Pin 7 or from Pin 8 to Pin 4,
respectively. Supply current specifications (for RSET = 180k) do not include
current in RSET.
Note 4: Optional offset nulling is accomplished with a potentiometer
connected between the trim terminals and the wiper to V–. A 10k pot
(providing a null range of ±6mV) is recommended for minimum drift of
nulled offset voltage with temperature. For increased trim resolution and
accuracy, two fixed resistors can be used in conjunction with a smaller
potentiometer. For example, two 4.7k resistors tied to Pins 1 and 5, with a
500Ω pot in the middle, will have a null range of ±150µV.
ELECTRICAL CHARACTERISTICS
LT1006AM
LT1006M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
●
80
320
110
460
µV
∆VOS
Input Offset Voltage Drift
●
0.5
2.2
0.6
2.8
µV/°C
∆Temp
IOS
Input Offset Current
●
0.2
2.0
0.3
3.0
nA
IB
Input Bias Current
●
918
11
27
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
●
0.5
1.5
0.25
1.0
V/µV
CMRR
Common Mode Rejection Ratio
VCM = +13V, –14.9V
●
97
114
94
113
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V, VO = 0V
●
100
117
97
116
dB
Maximum Output Voltage Swing
RL = 2k
●
±12
±13.8
±11.5
±13.8
V
IS
Supply Current
●
400
650
400
750
µA
LT1006AC
LT1006C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
J8/H Package
●
50
200
75
300
µV
N8 Package
●
80
330
µV
S8 Package
●
150
730
µV
∆VOS
Input Offset Voltage Drift
J8/H Package
●
0.5
2.2
0.6
2.8
µV/°C
∆Temp
N8 Package
●
0.7
3.5
µV/°C
S8 Package
●
1.0
4.5
µV/°C
IOS
Input Offset Current
●
0.15
1
0.25
2
nA
IB
Input Bias Current
●
815
10
23
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
●
13
0.7
2.5
V/µV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –15V
●
98
116
94
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V, VO = 0V
●
101
120
97
118
dB
Maximum Output Voltage Swing
RL = 2k
●
±12.5
±13.9
±11.5
±13.8
V
IS
Supply Current
●
370
600
380
660
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com