Electronic Components Datasheet Search
  English  ▼

X  

LT1006 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1006
Description  Precision, Single Supply Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1006 Datasheet(HTML) 1 Page - Linear Technology

  LT1006 Datasheet HTML 1Page - Linear Technology LT1006 Datasheet HTML 2Page - Linear Technology LT1006 Datasheet HTML 3Page - Linear Technology LT1006 Datasheet HTML 4Page - Linear Technology LT1006 Datasheet HTML 5Page - Linear Technology LT1006 Datasheet HTML 6Page - Linear Technology LT1006 Datasheet HTML 7Page - Linear Technology LT1006 Datasheet HTML 8Page - Linear Technology LT1006 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1006
1006fa
The LT
®1006 is the first precision single supply operational
amplifier. Its design has been optimized for single supply
operation with a full set of specifications at 5V.
Specifications at ±15V are also provided.
The LT1006 has a low offset voltage of 20µV, drift of
0.2µV/°C, offset current of 120pA, gain of 2.5 million,
common mode rejection of 114dB and power supply
rejection of 126dB.
Although supply current is only 340µA, a novel output
stage can source or sink in excess of 20mA while retaining
high voltage gain. Common mode input range includes
ground to accommodate low ground-referenced inputs
from strain gauges or thermocouples, and output can
swing to within a few millivolts of ground. If a higher
slew rate (in excess of 1V/µs) or micropower operation
(supply current down to 90µA) is required, the operating
currents can be modified by connecting an external
optional resistor to Pin 8.
For similar single supply precision dual and quad op amps,
please see the LT1013/LT1014 data sheet. For micropower
dual and quad op amps, please see the LT1078/LT1079
data sheet.
LT1006 Single Supply, Micropower Sample and Hold
Precision, Single Supply
Op Amp
FEATURES
APPLICATIO S
DESCRIPTIO
■
Low Power Sample-and-Hold Circuits
■
Battery-Powered Precision Instrumentation
Strain Gauge Signal Conditioners
Thermocouple Amplifiers
■
4mA to 20mA Current Loop Transmitters
■
Active Filters
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
390Ω
390Ω
S3
S4
S1
9V
3
2
8
7
6
OUTPUT
4
S2
0.01µF
6
8
7
2
3
4
INPUT
0V TO 5V
SAMPLE-HOLD COMMAND
HIGH = SAMPLE
LOW = HOLD
ACQUISITION TIME
20µs
HOLD SETTLING TIME
10µs
S-H OFFSET
1mV
HOLD SUPPLY CURRENT
250µA
SAMPLE SUPPLY CURRENT
5.0mA
1kHz SAMPLE RATE CURRENT
800µA
360k
360k
1/4 CD4066
1/2 CD4066
1/2 CD4066
1/4 CD4066
LT1006 • TA01
+
–
A1
LT1006
+
–
A2
LT1006
Distribution of Input Offset Voltage
INPUT OFFSET VOLTAGE (µV)
12
10
16
14
20
18
LT1006 • G01
8
6
4
2
0
–80
–40
40
80
0
VS = 5V, 0V
TA = 25°C
350 LT1006s TESTED
FROM TWO RUNS
J AND N PACKAGES
■
Single Supply Operation
Input Voltage Range Extends to Ground
Output Swings to Ground while Sinking Current
■
Guaranteed Offset Voltage: 50µV Max
■
Guaranteed Low Drift: 1.3µV/°C Max
■
Guaranteed Offset Current: 0.5nA Max
■
Guaranteed High Gain
5mA Load Current: 1.5 Million Min
17mA Load Current: 0.8 Million Min
■
Guaranteed Low Supply Current: 520µA Max
■
Supply Current can be Reduced by a Factor of 4
■
Low Voltage Noise, 0.1Hz to 10Hz: 0.55µVP-P
Low Current Noise—
Better than OP-07: 0.07pA/√Hz at 10Hz
■
High Input Impedance: 250MΩ Min
■
Minimum Supply Voltage: 2.7V Min


Similar Part No. - LT1006

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006 LINER-LT1006 Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
LT1006ACH LINER-LT1006ACH Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006ACH LINER-LT1006ACH Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
LT1006ACJ8 LINER-LT1006ACJ8 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
More results

Similar Description - LT1006

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
Micropower, Dual, Single Supply Precision Op Amp
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
LT1077 LINER-LT1077_1 Datasheet
301Kb / 16P
Micropower, Single Supply, Precision Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
Single Supply, Dual Precision Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
Micropower, Single Supply, Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com