Electronic Components Datasheet Search
  English  ▼

X  

LT1016 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1016
Description  UltraFast Precision 10ns Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016 Datasheet(HTML) 1 Page - Linear Technology

  LT1016 Datasheet HTML 1Page - Linear Technology LT1016 Datasheet HTML 2Page - Linear Technology LT1016 Datasheet HTML 3Page - Linear Technology LT1016 Datasheet HTML 4Page - Linear Technology LT1016 Datasheet HTML 5Page - Linear Technology LT1016 Datasheet HTML 6Page - Linear Technology LT1016 Datasheet HTML 7Page - Linear Technology LT1016 Datasheet HTML 8Page - Linear Technology LT1016 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1016
1
1016fc
Typical applicaTion
FeaTures
DescripTion
UltraFast Precision
10ns Comparator
TheLT®1016isanUltraFast10nscomparatorthatinterfaces
directly to TTL/CMOS logic while operating off either ±5V
or single 5V supplies. Tight offset voltage specifications
and high gain allow the LT1016 to be used in precision
applications. Matched complementary outputs further
extend the versatility of this comparator.
A unique output stage provides active drive in both direc-
tions for maximum speed into TTL/CMOS logic or passive
loads, yet does not exhibit the large current spikes found
in conventional output stages. This allows the LT1016 to
remain stable with the outputs in the active region which,
greatly reduces the problem of output “glitching” when
the input signal is slow moving or is low level.
The LT1016 has a LATCH pin which will retain input data
at the outputs, when held high. Quiescent negative power
supplycurrentisonly3mA.Thisallowsthenegativesupply
pin to be driven from virtually any supply voltage with a
simpleresistive divider.Deviceperformanceisnotaffected
by variations in negative supply voltage.
Linear Technology offers a wide range of comparators
in addition to the LT1016 that address different applica-
tions. See the Related Parts section on the back page of
the data sheet.
10MHz to 25MHz Crystal Oscillator
applicaTions
n
UltraFast™ (10ns typ)
n
Operates Off Single 5V Supply or ±5V
n
Complementary Output to TTL
n
Low Offset Voltage
n
No Minimum Input Slew Rate Requirement
n
No Power Supply Current Spiking
n
Output Latch Capability
n
High Speed A/D Converters
■
High Speed Sampling Circuits
■
Line Receivers
■
Extended Range V-to-F Converters
■
Fast Pulse Height/Width Discriminators
■
Zero-Crossing Detectors
■
Current Sense for Switching Regulators
■
High Speed Triggers
■
Crystal Oscillators
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
UltraFast is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
Response Time
–
+
LT1016
10MHz TO 25MHz
(AT CUT)
22
820pF
200pF
2k
2k
2k
5V
5V
V–
V+
LATCH
GND
Q
Q
OUTPUT
1016 TA1a
TIME (ns)
0
1016 TA2b
20
0
20
THRESHOLD
THRESHOLD
VIN
100mV STEP
5mV OVERDRIVE
VOUT
1V/DIV


Similar Part No. - LT1016

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
Ultra Fast Precision Comparator
LT1016 LINER-LT1016 Datasheet
1Mb / 20P
UltraFast Precision 10ns Comparator
LT1016 LINER-LT1016 Datasheet
239Kb / 20P
Pin Compatible with LM111 Series Devices
LT1016 LINER-LT1016 Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1016C LINER-LT1016C Datasheet
911Kb / 20P
Ultra Fast Precision Comparator
More results

Similar Description - LT1016

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
PRECISION VOLTAGE COMPARATOR
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
Fast, Precision Comparator
03/02-Data Sheet changed from REV. B to REV. C.
logo
Linear Technology
LT1016 LINER-LT1016_03 Datasheet
1Mb / 20P
UltraFast Precision 10ns Comparator
RH1016 LINER-RH1016 Datasheet
139Kb / 2P
UltraFast??Precision 10ns Comparator
RH1016M LINER-RH1016M Datasheet
116Kb / 6P
UltraFast Precision 10ns Comparator
logo
Analog Devices
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
Fast, Precision Comparator
REV. D
AD790JNZ AD-AD790JNZ Datasheet
158Kb / 12P
Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
Fast, Precision Comparator
Rev. E
logo
Linear Technology
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
UltraFast Precision 10ns Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com