Electronic Components Datasheet Search
  English  ▼

X  

LT1016 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1016
Description  UltraFast Precision 10ns Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016 Datasheet(HTML) 5 Page - Linear Technology

  LT1016 Datasheet HTML 1Page - Linear Technology LT1016 Datasheet HTML 2Page - Linear Technology LT1016 Datasheet HTML 3Page - Linear Technology LT1016 Datasheet HTML 4Page - Linear Technology LT1016 Datasheet HTML 5Page - Linear Technology LT1016 Datasheet HTML 6Page - Linear Technology LT1016 Datasheet HTML 7Page - Linear Technology LT1016 Datasheet HTML 8Page - Linear Technology LT1016 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1016
5
1016fc
Typical perForMance characTerisTics
Negative Supply Current vs
Temperature
Positive Supply Current vs
Switching Frequency
Positive Supply Current vs
Positive Supply Voltage
Common Mode Rejection vs
Frequency
Positive Common Mode Limit vs
Temperature
Negative Common Mode Limit vs
Temperature
LATCH Pin Threshold vs
Temperature
LATCH Pin Current* vs
Temperature
JUNCTION TEMPERATURE (°C)
–50
6
5
4
3
2
1
0
25
75
1016 G10
–25
0
50
100
125
VS = ±5V
IOUT = 0
SUPPLY VOLTAGE (V)
0
50
45
40
35
30
25
20
15
10
5
0
2
4
5
1016 G11
1
3
6
7
8
TJ = 125°C
TJ = –55°C
V– = 0V
VIN = 60mV
IOUT = 0
TJ = 25°C
SWITCHING FREQUENCY (MHz)
1
40
35
30
25
20
15
10
5
0
10
100
1016 G12
TJ = –55°C
TJ = 25°C
TJ = 125°C
VS = 5V
VIN = 50mV
IOUT = 0
FREQUENCY (Hz)
10k
120
110
100
90
80
70
60
50
40
100k
1M
10M
1016 G13
VS = ±5V
VIN = 2VP-P
TJ = 25°C
JUNCTION TEMPERATURE (°C)
–50
6
5
4
3
2
1
0
25
75
1016 G14
–25
0
50
100
125
VS = ±5V*
*SEE APPLICATION INFORMATION
FOR COMMON MODE LIMIT WITH
VARYING SUPPLY VOLTAGE.
JUNCTION TEMPERATURE (°C)
–50
2
1
0
–1
–2
–3
–4
25
75
1016 G15
–25
0
50
100
125
VS = ±5V*
VS = SINGLE 5V SUPPLY
*SEE APPLICATION INFORMATION
FOR COMMON MODE LIMIT WITH
VARYING SUPPLY VOLTAGE.
JUNCTION TEMPERATURE (°C)
–50
2.6
2.2
1.8
1.4
1.0
0.6
0.2
25
75
1016 G16
–25
0
50
100
125
OUTPUT UNAFFECTED
OUTPUT LATCHED
VS = ±5V
JUNCTION TEMPERATURE (°C)
–50
300
250
200
150
100
50
0
25
75
1016 G17
–25
0
50
100
125
VS = ±5V
VLATCH = 0V
*CURRENT COMES OUT OF
LATCH PIN BELOW THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com