Electronic Components Datasheet Search
  English  ▼

X  

LT1016 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1016
Description  UltraFast Precision 10ns Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016 Datasheet(HTML) 3 Page - Linear Technology

  LT1016 Datasheet HTML 1Page - Linear Technology LT1016 Datasheet HTML 2Page - Linear Technology LT1016 Datasheet HTML 3Page - Linear Technology LT1016 Datasheet HTML 4Page - Linear Technology LT1016 Datasheet HTML 5Page - Linear Technology LT1016 Datasheet HTML 6Page - Linear Technology LT1016 Datasheet HTML 7Page - Linear Technology LT1016 Datasheet HTML 8Page - Linear Technology LT1016 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1016
3
1016fc
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = 5V, VOUT (Q) = 1.4V, VLATCH = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
LT1016C/I
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
RS ≤ 100Ω (Note 2)
●
1.0
±3
3.5
mV
mV
∆VOS/∆T
Input Offset Voltage Drift
●
4
µV/°C
IOS
Input Offset Current
(Note 2)
●
0.3
0.3
1.0
1.3
µA
µA
IB
Input Bias Current
(Note 3)
●
5
10
13
µA
µA
Input Voltage Range
(Note 6)
Single 5V Supply
●
●
–3.75
1.25
3.5
3.5
V
V
CMRR
Common Mode Rejection
–3.75V ≤ VCM ≤ 3.5V
●
80
96
dB
PSRR
Supply Voltage Rejection
Positive Supply 4.6V ≤ V+ ≤ 5.4V
LT1016C
●
60
75
dB
Positive Supply 4.6V ≤ V+ ≤ 5.4V
LT1016I
●
54
75
dB
Negative Supply 2V ≤ V– ≤ 7V
●
80
100
dB
AV
Small-Signal Voltage Gain
1V ≤ VOUT ≤ 2V
1400
3000
V/V
VOH
Output High Voltage
V+ ≥ 4.6V
IOUT =1mA
IOUT = 10mA
●
●
2.7
2.4
3.4
3.0
V
V
VOL
Output Low Voltage
ISINK = 4mA
ISINK = 10mA
●
0.3
0.4
0.5
V
V
I+
Positive Supply Current
●
25
35
mA
I–
Negative Supply Current
●
3
5
mA
VIH
LATCH Pin Hi Input Voltage
●
2.0
V
VIL
LATCH Pin Lo Input Voltage
●
0.8
V
IIL
LATCH Pin Current
VLATCH = 0V
●
500
µA
tPD
Propagation Delay (Note 4)
∆VIN = 100mV, OD = 5mV
●
10
14
16
ns
ns
∆VIN = 100mV, OD = 20mV
●
9
12
15
ns
ns
∆tPD
Differential Propagation Delay
(Note 4) ∆VIN = 100mV,
OD = 5mV
3
ns
Latch Setup Time
2
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Input offset voltage is defined as the average of the two voltages
measured by forcing first one output, then the other to 1.4V. Input offset
current is defined in the same way.
Note 3: Input bias current (IB) is defined as the average of the two input
currents.
Note 4: tPD and ∆tPD cannot be measured in automatic handling equipment
with low values of overdrive. The LT1016 is sample tested with a 1V step
and 500mV overdrive. Correlation tests have shown that tPD and ∆tPD
limits shown can be guaranteed with this test if additional DC tests are
performed to guarantee that all internal bias conditions are correct. For low
overdrive conditions VOS is added to overdrive. Differential propogation
delay is defined as: ∆tPD = tPDLH – tPDHL
Note 5: Electrical specifications apply only up to 5.4V.
Note 6: Input voltage range is guaranteed in part by CMRR testing and
in part by design and characterization. See text for discussion of input
voltage range for supplies other than ±5V or 5V.
Note 7: This parameter is guaranteed to meet specified performance
through design and characterization. It has not been tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com