Electronic Components Datasheet Search
  English  ▼

X  

LT1637 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1637
Description  1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1637 Datasheet HTML 3Page - Linear Technology LT1637 Datasheet HTML 4Page - Linear Technology LT1637 Datasheet HTML 5Page - Linear Technology LT1637 Datasheet HTML 6Page - Linear Technology LT1637 Datasheet HTML 7Page - Linear Technology LT1637 Datasheet HTML 8Page - Linear Technology LT1637 Datasheet HTML 9Page - Linear Technology LT1637 Datasheet HTML 10Page - Linear Technology LT1637 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1637
1637fd
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 125°C for LT1637H and
–55
°C ≤ TA ≤ 125°C for LT1637MP. VS = ±15V, VCM = 0V, VOUT = 0V, VSHDN = V–, unless otherwise specified. (Note 4)
±15V ELECTRICAL CHARACTERISTICS
LT1637H/LT1637MP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
100
550
µV
●
3.4
mV
Input Offset Voltage Drift (Note 9)
●
311
µV/°C
IOS
Input Offset Current
●
25
nA
IB
Input Bias Current
●
250
nA
CMRR
Common Mode Rejection Ratio
VCM = –14.7V to 29V
●
72
dB
AVOL
Large-Signal Voltage Gain
VO = ±14V, RL = 10k
100
400
V/mV
●
4V/mV
VO
Output Voltage Swing
No Load
●
±14.8
V
IOUT = ±5mA
●
±14.0
V
IOUT= ±10mA
●
±13.4
V
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to 22V
●
84
dB
Minimum Supply Voltage
●
±1.35
V
IS
Supply Current
230
300
µA
●
500
µA
Positive Supply Current, SHDN
VPIN5 = –20V, VS = ±22V, No Load
●
60
µA
ISHDN
Shutdown Pin Current
VPIN5 = –21.7V, VS = ±22V, No Load
●
200
nA
VPIN5 = –20V, VS = ±22V, No Load
●
10
µA
Maximum Shutdown Pin Current
VPIN5 = 32V, VS = ±22V
●
200
µA
Output Leakage Current, SHDN
VPIN5 = –20V, VS = ±22V, No Load
●
100
µA
VL
Shutdown Pin Input Low Voltage
VS = ±22V
●
–21.7
V
VH
Shutdown Pin Input High Voltage
VS = ±22V
●
–20
V
GBW
Gain-Bandwidth Product
f = 10kHz
750
1100
kHz
●
400
kHz
SR
Slew Rate
AV = – 1, RL = ∞, VO = ±10V,
0.225
0.4
V/
µs
Measure at VO = ±5V
●
0.1
V/
µs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum. The
θJA specified for the DD package is with
minimal PCB heat spreading metal. Using expanded metal area on all layers
of a board reduces this value.
Note 3: The LT1637C and LT1637I are guaranteed functional over the
operating temperature range of – 40
°C to 85°C. The LT1637H is guaranteed
functional over the operating temperature range of –40
°C to 125°C. The
LT1637MP is guaranteed functional over the operating temperature range
–55
°C to 125°C.
Note 4: The LT1637C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1637C is designed, characterized and expected to meet
specified performance from – 40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1637I is guaranteed to meet
specified performance from – 40
°C to 85°C. The LT1637H is guaranteed to
meet specified performance from –40
°C to 125°C and the LT1637MP is
guaranteed to meet specified performance from –55
°C to 125°C.
Note 5: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V or VS = ±22V tests.
Note 6: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V or VS = ±22V tests.
Note 7: Guaranteed by correlation to slew rate at VS = ±15V and GBW at
VS = 3V and VS = ±15V tests.
Note 8: This specification implies a typical input offset voltage of 650
µV at
VCM = 44V and a maximum input offset voltage of 5.4mV at VCM = 44V.
Note 9: This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com