Electronic Components Datasheet Search
  English  ▼

X  

LT1637 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1637
Description  1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1637 Datasheet HTML 4Page - Linear Technology LT1637 Datasheet HTML 5Page - Linear Technology LT1637 Datasheet HTML 6Page - Linear Technology LT1637 Datasheet HTML 7Page - Linear Technology LT1637 Datasheet HTML 8Page - Linear Technology LT1637 Datasheet HTML 9Page - Linear Technology LT1637 Datasheet HTML 10Page - Linear Technology LT1637 Datasheet HTML 11Page - Linear Technology LT1637 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1637
1637fd
Input Noise Current vs Frequency
0.1Hz to 10Hz Noise Voltage
Noise Voltage Density
vs Frequency
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Input Overdrive
Output Saturation Voltage
vs Load Current (Output Low)
SOURCING LOAD CURRENT (mA)
0.0001 0.001
0.01
0.1
1
0.01
0.1
1
10
100
1637 G04
VS = 5V, 0V
VOD = 30mV
TA = 25°C
TA = 125°C
TA = –55°C
SINKING LOAD CURRENT (mA)
0.0001 0.001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1637 G05
VS = 5V, 0V
VOD = 30mV
TA = 125°C
TA = –55°C
TA = 25°C
INPUT OVERDRIVE (mV)
0
60
80
100
80
1637 G06
40
20
50
70
90
30
10
0
20
40
60
10
90
30
50
70
100
OUTPUT HIGH
OUTPUT LOW
VS = 5V, 0V
NO LOAD
FREQUENCY (Hz)
1
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1000
1637 G09
VS = ±15V
FREQUENCY (Hz)
1
20
50
60
70
10
100
1000
1637 G08
40
30
VS = ±15V
TIME (s)
0
8
1637 G07
2
4
6
19
3
5
7
10
VS = ± 2.5V
Supply Current vs Supply Voltage
Input Bias Current
vs Common Mode Voltage
Minimum Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
0
10203040
1637 G01
400
350
300
250
200
150
100
50
0
TA = 125°C
TA = 25°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
0
1
2
3
4
5
1637 G02
400
300
200
100
0
–100
–200
–300
–400
TA = 125°C
TA = –55°C
TA = 25°C
COMMON MODE VOLTAGE (V)
4
4.2 4.4 4.6 4.8
5
10 20 30 40 50
40
30
20
10
0.12
0.08
0.04
0
0.04
0.08
1637 G03
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com