Electronic Components Datasheet Search
  English  ▼

X  

LT1637 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1637
Description  1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1637 Datasheet HTML 7Page - Linear Technology LT1637 Datasheet HTML 8Page - Linear Technology LT1637 Datasheet HTML 9Page - Linear Technology LT1637 Datasheet HTML 10Page - Linear Technology LT1637 Datasheet HTML 11Page - Linear Technology LT1637 Datasheet HTML 12Page - Linear Technology LT1637 Datasheet HTML 13Page - Linear Technology LT1637 Datasheet HTML 14Page - Linear Technology LT1637 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1637
1637fd
Supply Voltage
The positive supply pin of the LT1637 should be bypassed
with a small capacitor (about 0.01
µF) within an inch of the
pin. When driving heavy loads an additional 4.7
µF electro-
lytic capacitor should be used. When using split supplies,
the same is true for the negative supply pin.
The LT1637 is protected against reverse battery voltages
up to 25V. In the event a reverse battery condition occurs,
the supply current is typically less than 1nA.
When operating the LT1637 on total supplies of 30V or
more, the supply must not be brought up faster than 1
µs.
This is especially true if low ESR bypass capacitors are
used. A series RLC circuit is formed from the supply lead
inductance and the bypass capacitor. 5
Ω of resistance in
the supply or the bypass capacitor will dampen the tuned
circuit enough to limit the rise time.
Inputs
The LT1637 has two input stages, NPN and PNP (see the
Simplified Schematic), resulting in three distinct operat-
ing regions as shown in the Input Bias Current vs Common
Mode typical performance curve.
For input voltages about 0.9V or more below V+, the PNP
input stage is active and the input bias current is typically
– 20nA. When the input voltage is about 0.5V or less from
V+, the NPN input stage is operating and the input bias
current is typically 80nA. Increases in temperature will
cause the voltage at which operation switches from the
PNP stage to the NPN stage to move towards V+. The input
offset voltage of the NPN stage is untrimmed and is
typically 600
µV.
A Schottky diode in the collector of each NPN transistor of
the NPN input stage allows the LT1637 to operate with
either or both of its inputs above V+. At about 0.3V above
V+ the NPN input transistor is fully saturated and the input
bias current is typically 23
µA at room temperature. The
input offset voltage is typically 600
µV when operating
above V+. The LT1637 will operate with its input 44V above
V– regardless of V+.
APPLICATIO S I FOR ATIO
The inputs are protected against excursions as much as
22V below V – by an internal 1.3k resistor in series with
each input and a diode from the input to the negative
supply. There is no output phase reversal for inputs up to
5V below V –. There are no clamping diodes between the
inputs and the maximum differential input voltage is 44V.
Output
The output voltage swing of the LT1637 is affected by
input overdrive as shown in the typical performance
curves. When monitoring input voltages within 100mV of
V+, gain should be taken to keep the output from clipping.
The output of the LT1637 can be pulled up to 25V beyond
V+ with less than 1nA of leakage current, provided that V+
is less than 0.5V.
The normally reverse biased substrate diode from the
output to V– will cause unlimited currents to flow when the
output is forced below V–. If the current is transient and
limited to 100mA, no damage will occur.
The LT1637 is internally compensated to drive at least
200pF of capacitance under any output loading condi-
tions. A 0.22
µF capacitor in series with a 150Ω resistor
between the output and ground will compensate these
amplifiers for larger capacitive loads, up to 4700pF, at all
output currents.
Distortion
There are two main contributors of distortion in op amps:
output crossover distortion as the output transitions from
sourcing to sinking current and distortion caused by
nonlinear common mode rejection. Of course, if the op
amp is operating inverting there is no common mode
induced distortion. When the LT1637 switches between
input stages there is significant nonlinearity in the CMRR.
Lower load resistance increases the output crossover
distortion, but has no effect on the input stage transition
distortion. For lowest distortion the LT1637 should be
operated single supply, with the output always sourcing
current and with the input voltage swing between ground
and (V+ – 0.9V). See the Typical Performance Character-
istics curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com