Electronic Components Datasheet Search
  English  ▼

X  

LT1637 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1637
Description  1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637 Datasheet(HTML) 2 Page - Linear Technology

  LT1637 Datasheet HTML 1Page - Linear Technology LT1637 Datasheet HTML 2Page - Linear Technology LT1637 Datasheet HTML 3Page - Linear Technology LT1637 Datasheet HTML 4Page - Linear Technology LT1637 Datasheet HTML 5Page - Linear Technology LT1637 Datasheet HTML 6Page - Linear Technology LT1637 Datasheet HTML 7Page - Linear Technology LT1637 Datasheet HTML 8Page - Linear Technology LT1637 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1637
1637fd
ORDER PART
NUMBER
Total Supply Voltage (V + to V –) .............................. 44V
Input Differential Voltage ......................................... 44V
Input Current ......................................................
±25mA
Shutdown Pin Voltage Above V – ..................................... 32V
Shutdown Pin Current ........................................
±10mA
Output Short-Circuit Duration (Note 2) ......... Continuous
Operating Temperature Range (Note 3)
LT1637C/LT1637I .............................. – 40
°C to 85°C
LT1637H .......................................... – 40
°C to 125°C
LT1637MP ......................................... –55
°C to 125°C
*The temperature grades are identified by a label on the shipping container. Consult factory for parts specified with wider operating temperature ranges.
(Note 1)
ORDER PART
NUMBER
S8 PART
MARKING
1637
1637I
1637H
1637MP
LT1637CN8
LT1637CS8
LT1637IN8
LT1637IS8
LT1637HS8
LT1637MPS8
1
2
3
4
8
7
6
5
TOP VIEW
NULL
V+
OUT
SHDN
NULL
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
TJMAX = 150°C, θJA = 150°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
Specified Temperature Range (Note 4)
LT1637C/LT1637I .............................. – 40
°C to 85°C
LT1637H .......................................... – 40
°C to 125°C
LT1637MP ......................................... –55
°C to 125°C
Junction Temperature ........................................... 150
°C
Junction Temperature (DD Package) ................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Storage Temperature Range
(DD Package) ....................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
NULL
–IN
+IN
V–
8
7
6
5
NULL
V+
OUT
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
MS8 PART*
MARKING
LTIE
LTIE
LT1637CMS8
LT1637IMS8
TJMAX = 150°C, θJA = 250°C/W
ORDER PART
NUMBER
DD PART*
MARKING
LAAK
LAAK
LT1637CDD
LT1637IDD
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
NULL
–IN A
+IN A
V–
NULL
V+
OUT
SHDN
LT1637C/LT1637I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8, S8 Packages
100
350
µV
0
°C ≤ TA ≤ 70°C
●
550
µV
–40
°C ≤ TA ≤ 85°C
●
700
µV
MS8 Package
100
350
µV
0
°C ≤ TA ≤ 70°C
●
750
µV
–40
°C ≤ TA ≤ 85°C
●
1100
µV
DD Package
125
550
µV
0
°C ≤ TA ≤ 70°C
●
950
µV
–40
°C ≤ TA ≤ 85°C
●
1100
µV
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 85°C, otherwise
specifications are at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V; VSHDN = V–,VCM = VOUT = half supply unless otherwise specified. (Note 4)
3V
5V
A D
ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 160°C/W (NOTE 2)
UNDERSIDE METAL CONNECTED TO V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com