Electronic Components Datasheet Search
  English  ▼

X  

LTC1344 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1344
Description  Software-Selectable Cable Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1344 Datasheet HTML 4Page - Linear Technology LTC1344 Datasheet HTML 5Page - Linear Technology LTC1344 Datasheet HTML 6Page - Linear Technology LTC1344 Datasheet HTML 7Page - Linear Technology LTC1344 Datasheet HTML 8Page - Linear Technology LTC1344 Datasheet HTML 9Page - Linear Technology LTC1344 Datasheet HTML 10Page - Linear Technology LTC1344 Datasheet HTML 11Page - Linear Technology LTC1344 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1344
and B to ground C must be 150
Ω ±15Ω. For the generator
termination, switches S1 and S2 are both on and the top
side of the center resistor is brought out to a pin so it can
be bypassed with an external capacitor to reduce common
mode noise as shown in Figure 12.
Any mismatch in the driver rise and fall times or skew in
the driver propagation delays will force current through
the center termination resistor to ground causing a high
frequency common mode spike on the A and B terminals.
The common mode spike can cause EMI problems that are
reduced by capacitor C1 which shunts much of the com-
mon mode energy to ground rather than down the cable.
The LATCH Pin
The LATCH pin (21) allows the select lines (M0, M1, M2
and DCE/DTE) to be shared with multiple LTC1344s, each
with its own LATCH signal. When the LATCH pin is held
low the select line input buffers are transparent. When the
LATCH pin is pulled high, the select line input buffers latch
the state of the Select pins so that changes on the select
lines are ignored until LATCH is pulled low again. If the
latch feature is not used, the LATCH pin should be tied to
ground.
APPLICATIONS INFORMATION
A
CABLE
TERMINATION
LOAD
GENERATOR
BALANCED
INTERCONNECTING
CABLE
RECEIVER
A
'
50
Ω
50
Ω
125
Ω
B
C
B
'
C
'
1344 F10
125
Ω
50
Ω
50
Ω
Figure 10. Typical V.35 Interface
Z
Z
Z
S1
ON
S2
ON
124
Ω
LTC1344
V.35
RECEIVER
A
B
C
1344 F11
51.5
Ω
51.5
Ω
IZ
–3V
3V
12V
–7V
–0.8mA
1mA
VZ
Figure 11. V.35 Receiver Using the LTC1344
low side. However, all of Linear Technology’s V.35 receiv-
ers meet the RS485 input impedance specification as
shown in Figure 11, which insures compliance with the
V.35 specification when used with the LTC1344.
The generator differential impedance must be 50
Ω to
150
Ω and the impedance between shorted terminals A
S1
ON
S2
ON
124
Ω
LTC1344
V.35
DRIVER
A
B
C
1344 F12
51.5
Ω
51.5
Ω
C1
100pF
Figure 12. V.35 Driver Using the LTC1344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com