Electronic Components Datasheet Search
  English  ▼

X  

LTC1344 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1344
Description  Software-Selectable Cable Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1344 Datasheet HTML 4Page - Linear Technology LTC1344 Datasheet HTML 5Page - Linear Technology LTC1344 Datasheet HTML 6Page - Linear Technology LTC1344 Datasheet HTML 7Page - Linear Technology LTC1344 Datasheet HTML 8Page - Linear Technology LTC1344 Datasheet HTML 9Page - Linear Technology LTC1344 Datasheet HTML 10Page - Linear Technology LTC1344 Datasheet HTML 11Page - Linear Technology LTC1344 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1344
©LINEAR TECHNOLOGY CORPORATION 1996
1344fa LT/TP 0300 2K REV A • PRINTED IN USA
PACKAGE DESCRIPTION
G Package
24-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G24 SSOP 1098
0.13 – 0.22
(0.005 – 0.009)
0
° – 8°
0.55 – 0.95
(0.022 – 0.037)
5.20 – 5.38**
(0.205 – 0.212)
7.65 – 7.90
(0.301 – 0.311)
12 3
4
5
6 7 8
9 10 11 12
8.07 – 8.33*
(0.318 – 0.328)
21
22
18 17 16 15 14 13
19
20
23
24
1.73 – 1.99
(0.068 – 0.078)
0.05 – 0.21
(0.002 – 0.008)
0.65
(0.0256)
BSC
0.25 – 0.38
(0.010 – 0.015)
NOTE: DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
*
**
Dimensions in inches (millimeters) unless otherwise noted.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1334
Single Supply RS232/RS485 Transceiver
2 RS485 Dr/Rx or 4 RS232 Dr/Rx Pairs
LTC1343
Multiprotocol Serial Transceiver
Software Selectable Mulitprotocol Interface
LTC1345
Single Supply V.35 Transceiver
3 Dr/3 Rx for Data and CLK Signals
LTC1346A
Dual Supply V.35 Transceiver
3 Dr/3 Rx for Data and CLK Signals
LTC1344A
Multiprotocol Cable Terminator, Pin Compatible to LTC1344
Allows Separate RS449 Mode
LTC1543
Multiprotocol Serial Transceiver
3 Dr/3 Rx for Data and CLK Signals
LTC1544
Multiprotocol Serial Transceiver
4 Dr/4 Rx for Control Signals and LL
LTC1545
Multiprotocol Serial Transceiver
5 Dr/5 Rx for Control Signals, LL, RL amd TM
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com