Electronic Components Datasheet Search
  English  ▼

X  

LTC1344 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1344
Description  Software-Selectable Cable Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1344 Datasheet HTML 4Page - Linear Technology LTC1344 Datasheet HTML 5Page - Linear Technology LTC1344 Datasheet HTML 6Page - Linear Technology LTC1344 Datasheet HTML 7Page - Linear Technology LTC1344 Datasheet HTML 8Page - Linear Technology LTC1344 Datasheet HTML 9Page - Linear Technology LTC1344 Datasheet HTML 10Page - Linear Technology LTC1344 Datasheet HTML 11Page - Linear Technology LTC1344 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1344
TYPICAL APPLICATIONS N
Figure 13 shows a typical application for the LTC1344
using the LTC1343 mixed mode transceiver chip to gener-
ate the clock and data signals for a serial interface. The
LTC1344 VEE supply is generated from the LTC1343
charge pump and the select lines M0, M1, M2, DCE and
LATCH are shared by both chips. Each driver output and
receiver input is connected to one of the LTC1344 termi-
nation ports. Each electrical protocol can then be chosen
using the digital select lines.
LTC1343
38
1344 F13
38
42
6
7
9
13
14
15
37
36
35
34
33
32
31
30
29
28
27
M0
M1
M2
DCE/DTE
LATCH
17
18
19
21
22
LTC1344
14
21
22
23
24
1
2
5V
5
3
8
11
12
13
4
6
7
9
10 16
15 18
17 19
20
DTE
DCE
TXD+
RXD+
TXD–
RXD–
RXD+
TXD+
RXD–
TXD–
SCTE +
TXC+
SCTE –
TXC –
NC
RXC +
NC
RXC –
RXC +
NC
RXC –
NC
TXC +
SCTE+
TXC –
SCTE –
VCC
VEE
M2
M1
M0
C2
3.3
µF
C1
1
µF
100pF
100pF
100pF
LATCH
DCE/DTE
M2
M1
M0
LATCH
DCE/DTE
Figure 13. Typical Application Using the LTC1344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com