Electronic Components Datasheet Search
  English  ▼

X  

LTC1344 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1344
Description  Software-Selectable Cable Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1344 Datasheet HTML 4Page - Linear Technology LTC1344 Datasheet HTML 5Page - Linear Technology LTC1344 Datasheet HTML 6Page - Linear Technology LTC1344 Datasheet HTML 7Page - Linear Technology LTC1344 Datasheet HTML 8Page - Linear Technology LTC1344 Datasheet HTML 9Page - Linear Technology LTC1344 Datasheet HTML 10Page - Linear Technology LTC1344 Datasheet HTML 11Page - Linear Technology LTC1344 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1344
TYPICAL APPLICATIONS N
Cable Selectable Multiprotocol DTE Port with DB-25 Connector
LTC1343
1
2
4
3
8
5
6
7
9
10
39
38
37
36
35
34
33
32
31
30
29
28
27
26
21
19
18
17
12
13
14
15
16
40
23
20
22
11
25
CTRL
LATCH
INVERT
423 SET
DCE
M2
M1
M0
R2
R3
R4
R1
100k
TXD A
TXD B
SCTE A
SCTE B
RXD A
RXD B
RXC A
RXC B
RXC A
RXC B
RXD A
RXD B
RTS A
RTS B
DTR A
DTR B
DCD A
DCD B
DSR A
DSR B
CTS A
CTS B
DCD A
DCD B
DTR A
DTR B
RTS A
RTS B
DTE
DCE
20 22
23 24 1
M0
M1
M2
DCE/
DTE
13
12
11
38
C6
100pF
C7
100pF
19
17
18
15
16
10
9
7
6
4
5
2
44
C2
1
µF
C4
3.3
µF
C10
1
µF
C13
3.3
µF
C5
1
µF
C1
1
µF
43
42
41
14
VEE
VCC
VCC
5V
2
14
24
11
15
12
17
9
3
16
7
1
4
19
20
23
8
10
6
22
5
13
25
21
18
1344 TA03
DB-25 CONNECTOR
LTC1344
C8
100pF
R1
C3
1
µF
GND
LB
VCC
VCC
VCC
VCC
VCC
VCC
EC
24
LTC1343
1
2
4
3
8
5
6
7
9
10
39
38
37
36
35
34
33
32
31
30
29
28
27
26
21
19
18
17
12
13
14
15
16
40
23
20
22
11
25
CTRL
LATCH
INVERT
423 SET
DCE
M2
M1
M0
R2
R3
R4
R2
100k
44
C12
1
µF
C9
1
µF
43
42
41
C11
1
µF
GND
LB
EC
R1
DTE_TXD/DCE_RXD
DTE_SCTE/DEC_RXC
DTE_TXC/DCE_TXC
DTE_RXC/DCE_SCTE
DTE_RXD/DCE_TXD
DTE_RTS/DCE_CTS
DTE_DTR/DCE_DSR
DTE_DCD/DCE_DCD
DTE_DSR/DCE_DTR
DTE_CTS/ DCE_RTS
LB
SGND
SHIELD
CTS A
CTS B
DSR A
DSR B
CHARGE
PUMP
CHARGE
PUMP
D1
D2
D3
D4
TXC A
TXC B
SCTE A
SCTE B
TXD A
TXD B
TXC A
TXC B
R5
10k
R4
10k
DCE/DTE
M1
M0
VCC
VCC
D1
D2
D3
D4
24
R3
10k
VCC
CABLE WIRING FOR MODE SELECTION
MODE
PIN 18
PIN 21
V.35
PIN 7
PIN 7
EIA-530, RS449,
NC
PIN 7
V.36, X.21
RS232
PIN 7
NC
CABLE WIRING FOR DTE/DCE
SELECTION
MODE
PIN 25
DTE
PIN 7
DCE
NC
21
LATCH
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com