Electronic Components Datasheet Search
  English  ▼

X  

LTC1657 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1657
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657 Datasheet(HTML) 1 Page - Linear Technology

  LTC1657 Datasheet HTML 1Page - Linear Technology LTC1657 Datasheet HTML 2Page - Linear Technology LTC1657 Datasheet HTML 3Page - Linear Technology LTC1657 Datasheet HTML 4Page - Linear Technology LTC1657 Datasheet HTML 5Page - Linear Technology LTC1657 Datasheet HTML 6Page - Linear Technology LTC1657 Datasheet HTML 7Page - Linear Technology LTC1657 Datasheet HTML 8Page - Linear Technology LTC1657 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1657/LTC1657L
Parallel 16-Bit Rail-to-Rail
Micropower DAC
s
16-Bit Monotonic Over Temperature
s
Deglitched Rail-to-Rail Voltage Output: 8nV•s
s
ICC: 650µA Typ
s
Maximum DNL Error:
±1LSB
s
Settling Time: 20
µs to ±1LSB
s
Built-In Reference: 2.048V (LTC1657)
1.25V (LTC1657L)
s
Internal Power-On Reset to Zero Volts
s
Asynchronous CLR Pin
s
Output Buffer Configurable for Gain of 1 or 2
s
Parallel 16-Bit or 2-Byte Double Buffered Interface
s
Narrow 28-Lead SSOP Package
s
Multiplying Capability
The LTC
®1657/LTC1657L are complete single supply, rail-
to-rail voltage output, 16-bit digital-to-analog converters
(DAC) in a 28-pin SSOP or PDIP package. They include a
rail-to-rail output buffer amplifier, an internal reference
and a double buffered parallel digital interface.
The LTC1657/LTC1657L have separate reference input
pins that can be driven by an external reference. The full-
scale output can be 1 or 2 times the reference voltage
depending on how the X1/X2 pin is connected. The LTC1657
operates from a 4.5V to 5.5V supply and has an onboard
2.048V reference. The LTC1657L operates from a 2.7V to
5.5V supply and has an onboard 1.25V reference.
The LTC1657/LTC1657L are similar to Linear Technol-
ogy Corporation’s LTC1450/LTC1450L 12-bit VOUT DAC
family, allowing an upgrade path. They are the only
buffered 16-bit parallel DACs in a 28-lead SSOP package
and include an onboard reference for stand alone
performance.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Instrumentation
s
Digital Calibration
s
Industrial Process Control
s
Automatic Test Equipment
s
Communication Test Equipment
Differential Nonlinearity
vs Input Code
REFLO
GND
LTC1657: 4.5V TO 5.5V
LTC1657L: 2.7V TO 5.5V
LTC1657:
0V TO 4.096V
LTC1657L:
0V TO 2.5V
16-BIT
DAC
R
R
25
REFHI
REFOUT
22
24
23
X1/X2
21
20
26
1657 TA01
VOUT
VCC
D15 (MSB)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
1
2
28
27
D8
D7
DATA IN FROM
MICROPROCESSOR
DATA BUS
FROM
MICROPROCESSOR
DECODE LOGIC
FROM
SYSTEM RESET
D0 (LSB)
–
+
REFERENCE
LTC1657: 2.048V
LTC1657L: 1.25V
16-BIT
DAC
REGISTER
POWER-ON
RESET
LDAC
CLR
WR
CSMSB
CSLSB
LSB
8-BIT
INPUT
REGISTER
MSB
8-BIT
INPUT
REGISTER
DESCRIPTIO
FEATURES
APPLICATIO S
BLOCK DIAGRA
DIGITAL INPUT CODE
0
16384
32768
49152
65535
1657 TA02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0


Similar Part No. - LTC1657

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657 Datasheet
166Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in
LTC1657C LINER-LTC1657C Datasheet
194Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657CGN LINER-LTC1657CGN Datasheet
194Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657CN LINER-LTC1657CN Datasheet
194Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
More results

Similar Description - LTC1657

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1655 LINER-LTC1655 Datasheet
92Kb / 12P
16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
Parallel 16-Bit Rail-to-Rail Micropower DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com